Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC20XX Datasheet (PDF) - Micrel Semiconductor

MIC20XX Datasheet PDF - Micrel Semiconductor
Part # MIC20XX
Download  MIC20XX Download
File Size   1354.11 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Fixed and Adjustable Current Limiting Power Distribution Switches

MIC20XX Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC20XX Datasheet PDF - Micrel Semiconductor

Part # MIC20XX
Download  MIC20XX Click to download

File Size   1354.11 Kbytes
Page   29 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Fixed and Adjustable Current Limiting Power Distribution Switches

MIC20XX Datasheet (HTML) - Micrel Semiconductor


MIC20XX Product details

General Description
MIC20XX family of switches are current limiting, high-side power switches, designed for general purpose power distribution and control in digital televisions (DTV), printers, set top boxes (STB), PCs, PDAs, and other peripheral devices (see Functionality Table and Pin Configuration drawings)

Features
• MIC20X3 – MIC20X9
    70mΩ typical on-resistance @ 5V
• MIC2005A/20X9A
    170mΩ typical on-resistance @ 5V
• Enable active high or active low
• 2.5V – 5.5V operating range
• Pre-set current limit values of 0.5A, 0.8A, and 1.2A*
• Adjustable current limit 0.2A to 2.0A* (MIC20X7- MIC20X9)
• Adjustable current limit 0.1A to 0.9A* (MIC20X9A)
• Undervoltage lock-out (UVLO)
• Variable UVLO allows adjustable UVLO thresholds*
• Automatic load discharge for capacitive loads*
• Soft-start prevents large current inrush
• Adjustable slew rate allows custom slew rates*
• Automatic-on output after fault
• Thermal protection

Applications
• Digital televisions (DTV)
• Set top boxes
• PDAs
• Printers
• USB / IEEE 1394 power distribution
• Desktop and laptop PCs
• Game consoles
• Docking stations




Similar Part No. - MIC20XX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
More results


Similar Description - MIC20XX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com