Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2285AYMT Datasheet (PDF) - Micrel Semiconductor

MIC2285AYMT Datasheet PDF - Micrel Semiconductor
Part # MIC2285AYMT
Download  MIC2285AYMT Download
File Size   551.96 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8MHz PWM Synchronous Buck Regulator with LDO Standby Mode

MIC2285AYMT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2285AYMT Datasheet PDF - Micrel Semiconductor

Part # MIC2285AYMT
Download  MIC2285AYMT Click to download

File Size   551.96 Kbytes
Page   14 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 8MHz PWM Synchronous Buck Regulator with LDO Standby Mode

MIC2285AYMT Datasheet (HTML) - Micrel Semiconductor


MIC2285AYMT Product details

General Description
The Micrel MIC2285A is a high efficiency 8MHz PWM synchronous buck (step-down) regulator that features a LOWQ® LDO standby mode that draws only 20µA of quiescent current. The MIC2285A allows an ultra-low noise, small size, and high efficiency solution for portable power applications.

Features
• 2.7 to 5.5V supply/input voltage
• Light load LOWQ® LDO mode
    – 20µA quiescent current
    – Low noise, 75µVrms
• 8MHz PWM mode
    – Output current to 600mA
    – >90% efficiency
    – 100% maximum duty cycle
• Adjustable output voltage option down to 1V
    – Fixed output voltage options available
• Ultra-fast transient response
• Requires only a 0.47µH inductor
• Enables sub 0.55mm profile solution
• Fully integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current limit protection
• 10-pin 2mm x 2mm x 0.55mm MLF® package
• –40°C to +125°C junction temperature range

Applications
• Cellular phones
• PDAs
• USB peripherals




Similar Part No. - MIC2285AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285YML MICREL-MIC2285YML Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
More results


Similar Description - MIC2285AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2285 MICREL-MIC2285 Datasheet
559Kb / 14P
8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385 Datasheet
672Kb / 15P
8MHz Power System Module with LDO Standby Mode
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com