Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY87700 Datasheet (PDF) - Micrel Semiconductor

SY87700 Datasheet PDF - Micrel Semiconductor
Part # SY87700
Download  SY87700 Download
File Size   60.95 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CDR EVALUATION KIT

SY87700 Datasheet (PDF)

Go To PDF Page Download Datasheet
SY87700 Datasheet PDF - Micrel Semiconductor

Part # SY87700
Download  SY87700 Click to download

File Size   60.95 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description CDR EVALUATION KIT

SY87700 Datasheet (HTML) - Micrel Semiconductor


SY87700 Product details

DESCRIPTION

The SY87700 and SY87701 Clock and Data Recovery (CDR) chips are both high-performance ICs that are

designed to provide protocol-independent clock and data recovery at any data rate between 32Mbps and 175Mbps for the SY87700 and 32Mbps to 1.25Gbps for the SY87701.



FEATURES

■3.3V power supply:

  Split VCC= +2V, GND = 0V

  VEE= –1.3V for 3.3V

  VEE = –3V for 5.0V

■Simple switch configuration

■PECL signal outputs

■Simple RDIN+, RDIN– PECL inputs

■Simple REFCLK TTL input

■SY87700: Clock and data recovery from 32Mbps up to 175Mbps NRZ data stream, clock generation from

32Mbps to 175Mbps

■SY87701: Clock and data recovery from 32Mbps up to 1.25Gbps NRZ data stream, clock generation from

32Mbps to 1.25Gbps




Similar Part No. - SY87700

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700AL MICREL-SY87700AL Datasheet
638Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
logo
Microchip Technology
SY87700AL MICROCHIP-SY87700AL Datasheet
928Kb / 22P
Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
09/14/21
logo
Micrel Semiconductor
SY87700ALHG MICREL-SY87700ALHG Datasheet
638Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
SY87700ALHG MICREL-SY87700ALHG Datasheet
567Kb / 16P
Low-Power, 3.3V, 32Mbps to 208Mbps AnyRate Clock and Data Recovery
logo
Microchip Technology
SY87700ALHG MICROCHIP-SY87700ALHG Datasheet
928Kb / 22P
Low-Power, 3.3V, 32 Mbps to 208 Mbps AnyRate짰 Clock and Data Recovery
09/14/21
More results


Similar Description - SY87700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com