Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT10P20DE6 Datasheet (PDF) - Diodes Incorporated

ZXT10P20DE6 Datasheet PDF - Diodes Incorporated
Part # ZXT10P20DE6
Download  ZXT10P20DE6 Download
File Size   242.9 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT10P20DE6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT10P20DE6 Datasheet PDF - Diodes Incorporated

Part # ZXT10P20DE6
Download  ZXT10P20DE6 Click to download

File Size   242.9 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT10P20DE6 Datasheet (HTML) - Diodes Incorporated


ZXT10P20DE6 Product details

Features
• BVCEO > -20V
• IC = -2.5A Continuous Collector Current
• ICM = -6A Peak Pulse Current
• RCE(sat) = 96mΩ for a Low Equivalent On-Resistance
• Low Saturation Voltage (-220mV max @ 1A)
• hFE Characterized up to -6A for High Current Gain Hold-Up
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• Power Management Functions
• Power Switches
• Motor Control




Similar Part No. - ZXT10P20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10P20DE6TA ZETEX-ZXT10P20DE6TA Datasheet
230Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT10P20DE6TC ZETEX-ZXT10P20DE6TC Datasheet
230Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6_15 Datasheet
434Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Rev 4
More results


Similar Description - ZXT10P20DE6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P20DE6 ZETEX-ZXT10P20DE6 Datasheet
230Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P20DX ZETEX-ZXT12P20DX Datasheet
255Kb / 6P
DUAL 20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6 ZETEX-ZXT13P20DE6 Datasheet
409Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P20DX ZETEX-ZXT14P20DX Datasheet
265Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P20DE6 DIODES-ZXT13P20DE6 Datasheet
418Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 1999
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 4
ZXT14P20DX DIODES-ZXT14P20DX Datasheet
269Kb / 6P
20V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 1
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
20V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com