Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN5551G Datasheet (PDF) - Diodes Incorporated

ZXTN5551G Datasheet PDF - Diodes Incorporated
Part # ZXTN5551G
Download  ZXTN5551G Download
File Size   346.76 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V, SOT223, NPN high voltage transistor

ZXTN5551G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN5551G Datasheet PDF - Diodes Incorporated

Part # ZXTN5551G
Download  ZXTN5551G Click to download

File Size   346.76 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 160V, SOT223, NPN high voltage transistor

ZXTN5551G Datasheet (HTML) - Diodes Incorporated


ZXTN5551G Product details

Features
• BVCEO > 160V
• BVEBO > 6V
• IC = 600mA Continuous Collector Current
• Low Saturation Voltage (150mV max @10mA)
• hFE specified up to 50mA for a high gain hold up
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• High Voltage Amplification




Similar Part No. - ZXTN5551G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
ZXTN5551GTA ZETEX-ZXTN5551GTA Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
ZXTN5551GTC ZETEX-ZXTN5551GTC Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
More results


Similar Description - ZXTN5551G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
160V, SOT223, NPN high voltage transistor
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR
DS32066 Rev. 3 - 2
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
160V, SOT23, NPN High voltage transistor
AUGUST 2007
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
160V, SOT89, NPN high voltage transistor
AUGUST 2007
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
Rev 3
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 3
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
160V NPN VOLTAGE TRANSISTOR IN SOT223
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com