Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CED93A3 Datasheet (PDF) - Chino-Excel Technology

CED93A3 Datasheet PDF - Chino-Excel Technology
Part # CED93A3
Download  CED93A3 Download
File Size   416.45 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CED93A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CED93A3 Datasheet PDF - Chino-Excel Technology

Part # CED93A3
Download  CED93A3 Click to download

File Size   416.45 Kbytes
Page   4 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description N-Channel Enhancement Mode Field Effect Transistor

CED93A3 Datasheet (HTML) - Chino-Excel Technology


CED93A3 Product details

FEATURES
■ 30V, 125A, RDS(ON) = 3.2mΩ @VGS = 10V.
                      RDS(ON) = 7.0mΩ @VGS = 4.5V.
■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ Lead free product is acquired.
■ TO-251 & TO-252 package.




Similar Part No. - CED93A3

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CED90P04 CET-MOS-CED90P04 Datasheet
536Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.July
logo
Whirlpool.
CED9150GW WHIRLPOOL-CED9150GW Datasheet
287Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9150GW-27 WHIRLPOOL-CED9150GW-27 Datasheet
287Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9160GW WHIRLPOOL-CED9160GW Datasheet
261Kb / 2P
Commercial Super-Capacity Dryer
8/17
CED9160GW-27 WHIRLPOOL-CED9160GW-27 Datasheet
261Kb / 2P
Commercial Super-Capacity Dryer
8/17
More results


Similar Description - CED93A3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com