Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN25012EZ Datasheet (PDF) - Diodes Incorporated

ZXTN25012EZ Datasheet PDF - Diodes Incorporated
Part # ZXTN25012EZ
Download  ZXTN25012EZ Download
File Size   400.37 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V NPN high gain transistor in SOT89

ZXTN25012EZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25012EZ Datasheet PDF - Diodes Incorporated

Part # ZXTN25012EZ
Download  ZXTN25012EZ Click to download

File Size   400.37 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12V NPN high gain transistor in SOT89

ZXTN25012EZ Datasheet (HTML) - Diodes Incorporated


ZXTN25012EZ Product details

Features
• BVCEO > 12V
• Low Saturation Voltage VCE(sat) < 38mV @ 1A
• IC = 6.5A High Continuous Current
• PD = 2.4W Power Dissipation
• Rsat = 25mΩ for a Low Equivalent On-Resistance
• Complementary part number: ZXTP25012EZ
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony-Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e. parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please contact us or your local Diodes representative.
   https://www.diodes.com/quality/product-definitions/

Application
• LED driving
• Motor driving
• Boost converters
• Royer converters
• Camera strobe
• MOSFET gate drivers




Similar Part No. - ZXTN25012EZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EZ ZETEX-ZXTN25012EZ Datasheet
387Kb / 8P
12V NPN high gain transistor
ZXTN25012EZTA ZETEX-ZXTN25012EZTA Datasheet
387Kb / 8P
12V NPN high gain transistor
More results


Similar Description - ZXTN25012EZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EZ ZETEX-ZXTN25012EZ Datasheet
387Kb / 8P
12V NPN high gain transistor
logo
Diodes Incorporated
ZXTN19020DZ DIODES-ZXTN19020DZ Datasheet
423Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN25020DZ DIODES-ZXTN25020DZ Datasheet
407Kb / 8P
20V NPN high gain transistor in SOT89
JANUARY 2008
ZXTN25100DZ DIODES-ZXTN25100DZ Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
FCX690BTA DIODES-FCX690BTA Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
FCX493A DIODES-FCX493A Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
FCX493A DIODES-FCX493A_15 Datasheet
296Kb / 7P
60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT89
Rev 1
FCX690B DIODES-FCX690B_15 Datasheet
578Kb / 7P
45V NPN HIGH GAIN POWER TRANSISTOR IN SOT89
Rev 2
ZXTN25100DZ DIODES-ZXTN25100DZ_15 Datasheet
415Kb / 8P
100V NPN high gain transistor in SOT89
DECEMBER 2007
ZXTN19020DZQ DIODES-ZXTN19020DZQ Datasheet
524Kb / 8P
20V NPN HIGH GAIN TRANSISTOR IN SOT89
June 2018 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com