Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN25040DZ Datasheet (PDF) - Diodes Incorporated

ZXTN25040DZ Datasheet PDF - Diodes Incorporated
Part # ZXTN25040DZ
Download  ZXTN25040DZ Download
File Size   766.29 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT89, NPN medium power transistor

ZXTN25040DZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25040DZ Datasheet PDF - Diodes Incorporated

Part # ZXTN25040DZ
Download  ZXTN25040DZ Click to download

File Size   766.29 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V, SOT89, NPN medium power transistor

ZXTN25040DZ Datasheet (HTML) - Diodes Incorporated


ZXTN25040DZ Product details

Description
Packaged in the SOT89 outline this new low saturation 40V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

Features
• Extremely low equivalent on resistance; RCE(sat) = 36mΩ at 5A
• 5A continuous current
• Up to 10 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics
• 6V reverse blocking capability

Applications
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC-DC modules
• Backlight inverters
• Power switches
• MOSFET gate drivers




Similar Part No. - ZXTN25040DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
40V, SOT89, NPN medium power transistor
ZXTN25040DZTA ZETEX-ZXTN25040DZTA Datasheet
758Kb / 8P
40V, SOT89, NPN medium power transistor
More results


Similar Description - ZXTN25040DZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BZ ZETEX-ZXTN25060BZ Datasheet
767Kb / 8P
60V, SOT89, NPN medium power transistor
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
40V, SOT89, NPN medium power transistor
FCX1053A ZETEX-FCX1053A_06 Datasheet
419Kb / 6P
SOT89 NPN medium power transistor
logo
Diodes Incorporated
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
DS33055 Rev. 4 - 2
FCX1051A DIODES-FCX1051A Datasheet
336Kb / 6P
SOT89 NPN medium power transistor
JULY 2007
FCX1053A DIODES-FCX1053A Datasheet
427Kb / 6P
SOT89 NPN medium power transistor
July 2006
ZXTN19055DZ DIODES-ZXTN19055DZ Datasheet
396Kb / 6P
55V, SOT89, NPN medium power transistor
JUNE 2006
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
40V PNP medium power transistor in SOT89
DECEMBER 2007
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX1051A DIODES-FCX1051A_15 Datasheet
336Kb / 6P
SOT89 NPN medium power transistor
JULY 2007
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com