Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN25060BFH Datasheet (PDF) - Diodes Incorporated

ZXTN25060BFH Datasheet PDF - Diodes Incorporated
Part # ZXTN25060BFH
Download  ZXTN25060BFH Download
File Size   399.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V, SOT23, NPN medium power transistor

ZXTN25060BFH Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN25060BFH Datasheet PDF - Diodes Incorporated

Part # ZXTN25060BFH
Download  ZXTN25060BFH Click to download

File Size   399.37 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V, SOT23, NPN medium power transistor

ZXTN25060BFH Datasheet (HTML) - Diodes Incorporated


ZXTN25060BFH Product details

Features
• BVCEO > 60V
• BVCEX > 150V
• BVECO > 6V
• IC = 3.5A high Continuous Collector Current
• VCE(SAT) < 65mA @1A
• RCE(SAT) = 43m @1A
• 1.25W Power Dissipation
• Complementary PNP Type: ZXTP25060BFH
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZXTN25060BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
60V, SOT23, NPN medium power transistor
ZXTN25060BFHTA ZETEX-ZXTN25060BFHTA Datasheet
392Kb / 6P
60V, SOT23, NPN medium power transistor
More results


Similar Description - ZXTN25060BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
60V, SOT23, NPN medium power transistor
SEPTEMBER 2005
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 8
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com