Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7367 Datasheet (PDF) - Sanyo Semicon Device

LC7367 Datasheet PDF - Sanyo Semicon Device
Part # LC7367
Download  LC7367 Download
File Size   286.96 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description DTMF/PULSE Switchable Dialer

LC7367 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC7367 Datasheet PDF - Sanyo Semicon Device

Part # LC7367
Download  LC7367 Click to download

File Size   286.96 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description DTMF/PULSE Switchable Dialer

LC7367 Datasheet (HTML) - Sanyo Semicon Device


LC7367 Product details

Overview
The LC7367J, 7367JM are DTMF/OUTPUT-PULSE dialer CMOS ICs with redial function for use in pushbutton telephones.

Features
• Low voltage CMOS process for direct operation from telephone line.
• Possible to use single contact or standard 2-of-7, 2-of-8 key pad.
• Possible to use color-burst crystal resonator for on-chip oscillator (fOSC=3.58MHz).
• Possible to use either mode select pin (P/T) or function key (4×4 matrix key) to select DTMF mode/OUTPUTPULSE mode.
• Mode change with MC key is made in one direction onlyfrom pulse mode to tone mode.
• Delivers 12 DTMF signals when in DTMF mode.
• On-chip 31-digit redial memory.
• Possible to provide mix redial (31 digits-PAUSE-MC) of DTMF/OUTPUT-PULSE mode.
• Either auto pause select (4s.×n) or manual release available for mode select standby time during redial operation.
• Output pulse make rate of OUTPUT-PULSE mode : Pinselectable (33.2% or 40%).
• Output pulse rate of OUTPUT-PULSE mode : Pinselelctable (10pps or 20pps).
• On-chip circuit to prevent malfunction due to noise pulse caused by key entry.
• Key touch tone (pacifier tone) output capability. OUTPUT-PULSE mode : 1243Hz/50ms
• Supply voltage / operating temperature
    DTMF mode :
        VDD=2.0 to 6.0V / Ta=–30 to +70°C
    OUTPUT-PULSE mode :
        VDD=1.5 to 6.0V / Ta=–30 to +70°C
• Operating current
    DTMF mode :
        IDD=1.0mA max / VDD=3.5V
    OUTPUT-PULSE mode :
        IDD=500µA max / VDD=3.5V
• Data retention current IDR≤0.5µA / VDD=1.0V
• Package
    LC7367J : Dual-in-line shrink 22-pin package
    LC7367JM : Miniflat 30-pin package




Similar Part No. - LC7367

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7363 SANYO-LC7363 Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7363J SANYO-LC7363J Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7363JM SANYO-LC7363JM Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7364 SANYO-LC7364 Datasheet
275Kb / 12P
DTMF/PULSE Switchable Dialer
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
DTMF/PULSE Switchable Dialer
More results


Similar Description - LC7367

ManufacturerPart #DatasheetDescription
logo
Sames
SA541 SAMES-SA541 Datasheet
276Kb / 16P
PULSE/DTMF SWITCHABLE DIALLERS
logo
Sanyo Semicon Device
LC7363J SANYO-LC7363J Datasheet
284Kb / 12P
DTMF/PULSE Switchable Dialer
LC7364J SANYO-LC7364J Datasheet
275Kb / 12P
DTMF/PULSE Switchable Dialer
LC7368J SANYO-LC7368J Datasheet
257Kb / 13P
Switchable DTMF/Pulse Dialer
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
Switchable DTMF/Pulse Dialer with Memory
logo
ELAN Microelectronics C...
HM91710A EMC-HM91710A Datasheet
131Kb / 19P
TONE/PULSE SWITCHABLE DIALER
logo
List of Unclassifed Man...
HM9101AY ETC-HM9101AY Datasheet
82Kb / 1P
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
logo
ELAN Microelectronics C...
EM91710 EMC-EM91710 Datasheet
159Kb / 19P
TONE/PULSE SWITCHABLE DIALER
logo
List of Unclassifed Man...
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
TONE/PULSE SWITCHABLE REPERTORY DIALER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com