Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM3J135TU Datasheet (PDF) - Toshiba Semiconductor

SSM3J135TU Datasheet PDF - Toshiba Semiconductor
Part # SSM3J135TU
Download  SSM3J135TU Download
File Size   196.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??

SSM3J135TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J135TU Datasheet PDF - Toshiba Semiconductor

Part # SSM3J135TU
Download  SSM3J135TU Click to download

File Size   196.57 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??

SSM3J135TU Datasheet (HTML) - Toshiba Semiconductor


SSM3J135TU Product details

○ Power Management Switch Applications

• 1.5 V drive
• Low ON-resistance: RDS(ON) = 260 mΩ (max) (@VGS = -1.5 V)
                                   RDS(ON) = 180 mΩ (max) (@VGS = -1.8 V)
                                   RDS(ON) = 132 mΩ (max) (@VGS = -2.5 V)
                                   RDS(ON) = 103 mΩ (max) (@VGS = -4.5 V)




Similar Part No. - SSM3J135TU

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SSM3J135TU KEXIN-SSM3J135TU Datasheet
522Kb / 5P
P-Channel MOSFET
logo
Toshiba Semiconductor
SSM3J135TU TOSHIBA-SSM3J135TU_14 Datasheet
214Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
More results


Similar Description - SSM3J135TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com