Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101A Datasheet (PDF) - Intersil Corporation

ISL80101A Datasheet PDF - Intersil Corporation
Part # ISL80101A
Download  ISL80101A Download
File Size   570.8 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 1A Linear Regulator with Programmable Current Limiting

ISL80101A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80101A Datasheet PDF - Intersil Corporation

Part # ISL80101A
Download  ISL80101A Click to download

File Size   570.8 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 1A Linear Regulator with Programmable Current Limiting

ISL80101A Datasheet (HTML) - Intersil Corporation


ISL80101A Product details

The ISL80121-5 is a low dropout voltage, single output LDO with programmable current limiting.



This LDO operates from input voltages of 2.2V to 6V. The ISL80121-5 has a nominal output

voltage of 5V. Other custom voltage options are available upon request.

A sub-micron BiCMOS process is utilized for this product family to deliver the best in class analogperformance and overall value. The programmable current limiting improves system reliability of end applications. An external capacitor on the soft-start pin provides an adjustable soft-starting ramp. The ENABLE feature allows the part to be placed into a low quiescent current

shutdown mode.



Features

• ±1.8% VOUTAccuracy Guaranteed Over Line, Load and TJ= -40°C to +125°C

• Very Low 130mV Dropout Voltage at VIN= 5.0V

• High Accuracy Current Limit Programmable up to 1.75A

• Very Fast Transient Response

• 210µVRMSOutput Noise

• Power-Good Output

• Programmable Soft-Start

• Over-Temperature Protection

• Small 10 Ld DFN Package



Applications

• USB devices

• Telecommunications and Networking

• Medical Equipment

• Instrumentation Systems

• Routers and Switchers

• Gaming




Similar Part No. - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
High Performance 1A LDO
August 31, 2011
ISL80101A INTERSIL-ISL80101A Datasheet
478Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
September 29, 2011
ISL80101A INTERSIL-ISL80101A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL80101A INTERSIL-ISL80101A Datasheet
583Kb / 11P
High Performance 1A LDO
More results


Similar Description - ISL80101A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
December 8, 2010
ISL80121-5_1109 INTERSIL-ISL80121-5_1109 Datasheet
478Kb / 11P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
September 29, 2011
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A_15 Datasheet
498Kb / 13P
High Performance 1A Linear Regulator with Programmable Current Limiting
August 11, 2015
ISL80121IR50Z INTERSIL-ISL80121IR50Z Datasheet
416Kb / 12P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
June 22, 2012
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
Ultra LDO 1A Linear Regulator With
logo
Vicor Corporation
PI2211 VICOR-PI2211 Datasheet
2Mb / 26P
Programmable inrush current limiting
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Renesas Technology Corp
ISL80101A RENESAS-ISL80101A Datasheet
756Kb / 13P
High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com