Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1242 Datasheet (PDF) - Semtech Corporation

SX1242 Datasheet PDF - Semtech Corporation
Part # SX1242
Download  SX1242 Download
File Size   304.92 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SX1242 - Low Cost Integrated Transmitter IC

SX1242 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1242 Datasheet PDF - Semtech Corporation

Part # SX1242
Download  SX1242 Click to download

File Size   304.92 Kbytes
Page   14 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description SX1242 - Low Cost Integrated Transmitter IC

SX1242 Datasheet (HTML) - Semtech Corporation


SX1242 Product details

GENERAL DESCRIPTION
The SX1242 is an ultra-low-cost, fully integrated standalone OOK transmitter suitable for operation at 344.940 MHz.
The SX1242 is designed for use without the requirement for configuration via an MCU.
The SX1242 offers integrated radio performance with cost efficiency and is suited for operation in North America (FCC part 15.231).

KEY PRODUCT FEATURES
◆ +12 dBm Output Power
◆ 344.940 MHz Operation
◆ OOK Bit Rates up to 10 kbps
◆ Pre-Configured Modes for Operation without MCU
◆ 1.8 to 3.7 V Supply Range
◆ Low BOM Fully Integrated TX

APPLICATIONS
◆ Low-Cost Consumer Electronic Applications
◆ Remote Keyless Entry (RKE)
◆ Remote Control / Security Systems
◆ Audio Accessories
◆ Process and building / home control




Similar Part No. - SX1242

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
SX1243IULTRT SEMTECH-SX1243IULTRT Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
More results


Similar Description - SX1242

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
LOW COST TEMPERATURE TRANSMITTER
RF68 ETC2-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
Low Cost Integrated Transmitter IC
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
Low Cost ISM Transmitter Module
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
Low Cost ISM Transmitter Module
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com