Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESOT3.3LC-2 Datasheet (PDF) - Protek Devices

ESOT3.3LC-2 Datasheet PDF - Protek Devices
Part # ESOT3.3LC-2_10
Download  ESOT3.3LC-2 Download

File Size   599.12 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

ESOT3.3LC-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESOT3.3LC-2 Datasheet PDF - Protek Devices

Part # ESOT3.3LC-2_10
Download  ESOT3.3LC-2 Click to download

File Size   599.12 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description LOW CAPACITANCE TVS ARRAY

ESOT3.3LC-2 Datasheet (HTML) - Protek Devices

ESOT3.3LC-2_10 Datasheet HTML 1Page - Protek Devices ESOT3.3LC-2_10 Datasheet HTML 2Page - Protek Devices ESOT3.3LC-2_10 Datasheet HTML 3Page - Protek Devices ESOT3.3LC-2_10 Datasheet HTML 4Page - Protek Devices ESOT3.3LC-2_10 Datasheet HTML 5Page - Protek Devices ESOT3.3LC-2_10 Datasheet HTML 6Page - Protek Devices

ESOT3.3LC-2 Product details

DESCRIPTION
The ESOT3.3LC-2, a high frequency, transient suppression protector of wireless telecommunications applications for portable devices. This device is packaged in a SOT-23 plastic case and is available in a 3.3 volt, bidirectional configuration.

FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 175 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Protects Two Bidirectional Lines
• Bidirectional Configuration
• Low Leakage Current < 2.0µA
• Low Capacitance > 15pF per Line
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet - 10/100/1000 Base T
• USB Ports
• Cellular Phones
• Audio/Video Inputs
• SMART Phones
• E1/T1 & E3/T3




Similar Part No. - ESOT3.3LC-2_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESOT3.3LC-2 PROTEC-ESOT3.3LC-2_12 Datasheet
600Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Similar Description - ESOT3.3LC-2_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com