Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBLC05C Datasheet (PDF) - Protek Devices

GBLC05C Datasheet PDF - Protek Devices
Part # GBLC05C
Download  GBLC05C Download
File Size   600.72 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra LOW CAPACITA NCE TVS ARRAY

GBLC05C Datasheet (PDF)

Go To PDF Page Download Datasheet
GBLC05C Datasheet PDF - Protek Devices

Part # GBLC05C
Download  GBLC05C Click to download

File Size   600.72 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra LOW CAPACITA NCE TVS ARRAY

GBLC05C Datasheet (HTML) - Protek Devices


GBLC05C Product details

DESCRIPTION
The GBLCxx and GBLCxxC Series are ultra low capacitance transient voltage suppressor arrays, designed to protect applications such as portable electronics and SMART phones. This series is available in both unidirectional and bidirectional configurations and is rated at 350 Wats for an 8/20µs waveshape.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV Exceeds Level 4: Handles 20kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• Compatible with ISO 10605 (ESD): 330pF/2kΩ, ±20kV Contact
• 350 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Replacement for MLV (0805)
• Unidirectional & Bidirectional Configuration
• Protects One Power or I/O Port
• ESD Protection > 25kV
• Low Clamping Voltage
• Available in Multiple Voltages Ranging From 3V to 24V
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Ethernet 10/100/1000 Base T
• SMART Phones
• Handheld - Wireless Systems
• USB Interface




Similar Part No. - GBLC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC05C PROTEC-GBLC05C Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLC05C PROTEC-GBLC05C Datasheet
71Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLC05C PROTEC-GBLC05C Datasheet
603Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC05C ETC2-GBLC05C Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC05C PROTEC-GBLC05C Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
More results


Similar Description - GBLC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DL0521P PROTEC-DL0521P Datasheet
458Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03I PROTEC-GBLC03I_10 Datasheet
601Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_10 Datasheet
446Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521 Datasheet
575Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLC03CLC-T7 PROTEC-GBLC03CLC-T7 Datasheet
518Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com