Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC79431D Datasheet (PDF) - Sanyo Semicon Device

LC79431D Datasheet PDF - Sanyo Semicon Device
Part # LC79431D
Download  LC79431D Download
File Size   96.95 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dot Matrix LCD Driver?

LC79431D Datasheet (PDF)

Go To PDF Page Download Datasheet
LC79431D Datasheet PDF - Sanyo Semicon Device

Part # LC79431D
Download  LC79431D Click to download

File Size   96.95 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dot Matrix LCD Driver?

LC79431D Datasheet (HTML) - Sanyo Semicon Device


LC79431D Product details

Overview
The LC79431D is a large-scale dot matrix LCD common driver LSI. The LC79431D contains an 80-bit bidirectional shift register and a 4-level LCD driver. The input/output pins for cascade connection can be used to further increase the bit count. The LC79431D can be used in conjunction with segment driver LC79400D or LC79401D (QFP100D) to drive a wide-screen LCD panel.

Features
• On-chip LCD drive circuit (80 bits)
• Display duty of 1/64 to 1/256 selectable
• On-chip input/output pins support a further increase in bit count
• Supports externally supplied bias voltage
• Operating supply voltage/operating temperature are:
    VDD (logic block) : 5 V ±10 % / –20 to +75 °C
    VDD–VEE (LCD block) : 12 V to 32 V / –20 to +75°C
• CMOS process




Similar Part No. - LC79431D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
Dot-Matrix LCD Drivers
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
Dot-Matrix LCD Drivers
July, 2013
More results


Similar Description - LC79431D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
Dot Matrix LCD Driver?
logo
Seiko Instruments Inc
S-4520BA SII-S-4520BA Datasheet
1Mb / 22P
DOT MATRIX LCD DRIVER
S-4525BA SII-S-4525BA Datasheet
1Mb / 22P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com