Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82210 Datasheet (PDF) - Sanyo Semicon Device

LC82210 Datasheet PDF - Sanyo Semicon Device
Part # LC82210
Download  LC82210 Download
File Size   57.48 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Motion JPEG Codec

LC82210 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC82210 Datasheet PDF - Sanyo Semicon Device

Part # LC82210
Download  LC82210 Click to download

File Size   57.48 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Motion JPEG Codec

LC82210 Datasheet (HTML) - Sanyo Semicon Device


LC82210 Product details

Overview
The LC82210 is a JPEG encoder/decoder that handles motion JPEG. When encoding, the LC82210 accepts an A/D converter generated digital video input signal and encodes that signal in real time. When decoding, the LC82210 decodes a compressed decoded signal and produces a digital video signal that can be directly input to a D/A converter.

Features
• Encoding/decoding based on the JPEG standard
• The image size can be set arbitrarily.
• I/O image format Y : U : V = 4 : 2 : 2
• JPEG format Y : U : V = 4 : 2 : 2 or Y : U : V = 4 : 1 : 1
• Process 640 × 480 images 30 frames per second
• Memory control function for the image memory used
   for display, capture, and other image functions
• Supports the use of either 1M, 2M, 4M, 4M × 2 or 16M
   bit of DRAM for image memory.
• Supports fixed compression ratio encoding.
• Image memory can be accessed by external systems.
• Image memory compression function
• Supports a function for compressing/expanding part of
   an image.
• Supports both x86 and 68xx family CPUs. Also
   supports DMA transfers of compressed data.
• Low power mode
• Power-supply voltage: 3.3 V (internal) 5 V (pin) : LC82210
                                       3.3 V (single) : LC82210L




Similar Part No. - LC82210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC822152 SANYO-LC822152 Datasheet
661Kb / 11P
CMOS IC CCD-LCD Interface ASIC
More results


Similar Description - LC82210

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC82220 SANYO-LC82220 Datasheet
92Kb / 6P
Motion JPEG Decoder LSI
LC82221L SANYO-LC82221L Datasheet
56Kb / 7P
Motion JPEG Decoder
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36060 ETC-ZR36060 Datasheet
307Kb / 46P
Integrated JPEG CODEC
logo
Rohm
BU1561GV ROHM-BU1561GV Datasheet
282Kb / 6P
Built-in JPEG Codec, SXGA Camera Module Interface, and QCIFLCD controller interface
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
logo
Analog Devices
ADV212 AD-ADV212 Datasheet
394Kb / 44P
JPEG 2000 Video Codec
10/06-Revision 0
logo
Zoran Corporation
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
JPEG Image Processor
logo
List of Unclassifed Man...
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Level One
FCS-0020 LVL1-FCS-0020 Datasheet
171Kb / 3P
Triple Streaming for MPEG4, Motion-JPEG
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com