Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC83015E Datasheet (PDF) - Sanyo Semicon Device

LC83015E Datasheet PDF - Sanyo Semicon Device
Part # LC83015E
Download  LC83015E Download
File Size   353.55 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Signal Processor for Audio Applications

LC83015E Datasheet (PDF)

Go To PDF Page Download Datasheet
LC83015E Datasheet PDF - Sanyo Semicon Device

Part # LC83015E
Download  LC83015E Click to download

File Size   353.55 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Signal Processor for Audio Applications

LC83015E Datasheet (HTML) - Sanyo Semicon Device


LC83015E Product details

Overview
The LC83015E is a digital signal processor IC designed for medium- and high-class home audio systems, such as AV amplifiers, mini, super-mini and car audio component systems.

Features
• 80 ns cycle time at fs = 48kHz (256 cycles/fs)
• Dual-Harvard architecture allows single-cycle stereo signal integration and playback, with two of each of the following.
    · 24 × 16-bit fixed decimal point multiplier.
    · 32-bit arithmetic operation and 24-bit arithmetic logic operation ALU/shifter.
    · 32-bit accumulator.
    · 8 × 32-bit temporary storage registers.
    · 64 × 24-bit internal data RAM.
    · 128 × 16-bit internal coefficient RAM.
    · 304 × 16-bit internal coefficient ROM.
• Large program memory.
    · 1024 × 32-bit standard program ROM.
    · 256 × 32-bit user program RAM.
• Standard program ROM.
    · Sound-field simulation library.
        Auditorium simulation.
        Stereo, 3-band graphic equalizer.
        12-band spectrum analyzer.
    · Karaoke function library.
        Pitch shift (realized in program RAM)
        Vocal mute.
        Microphone echo.
• Coefficient ROM.
    · Logarithmic conversion coefficients.
• Audio interface.
    · 2 input channels compatible with a variety of formats.
    · 3 output channels compatible with a variety of 32/64fs formats.
• External memory interface.
    · DRAM interface.
        120 ns (maximum) RAS access time.
        1Mbyte (256Kbyte × 4) or 256Kbyte (64Kbyte × 4).
    1 or 2 units.
    · SRAM/ROM interface.
        100 ns (maximum) address access time.
        1Mbyte (128Kbyte × 8) or 256Kbyte (32Kbyte × 8).
        1 unit.
    · Pseudo-SRAM interface.
        70 ns (maximum) CE access time.
        1Mbyte (128Kbyte × 8) or 256Kbyte (32Kbyte × 8).
        1 unit.




Similar Part No. - LC83015E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
LC83010NE SANYO-LC83010NE Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
More results


Similar Description - LC83015E

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com