Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMH2801 Datasheet (PDF) - Sanyo Semicon Device

EMH2801 Datasheet PDF - Sanyo Semicon Device
Part # EMH2801
Download  EMH2801 Download
File Size   366.73 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SBD : Schottky Barrier Diode General-Purpose Switching Device Applications

EMH2801 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMH2801 Datasheet PDF - Sanyo Semicon Device

Part # EMH2801
Download  EMH2801 Click to download

File Size   366.73 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description SBD : Schottky Barrier Diode General-Purpose Switching Device Applications

EMH2801 Datasheet (HTML) - Sanyo Semicon Device


EMH2801 Product details

MOSFET : P-Channel Silicon MOSFET
SBD : Schottky Barrier Diode

Features
• Composite type with a P-Channel Sillicon MOSFET and a Schottky Barrier Diode contained in one package facilitating high-density mounting
• [MOSFET]
   • Low ON-resistance 
   • 1.8V drive
• [SBD]
   • Small switching noise 
   • Low forward voltage (IF=2.0A, VF max=0.46V)
   • Halogen free compliance




Similar Part No. - EMH2801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMH2801 ONSEMI-EMH2801 Datasheet
660Kb / 8P
P-Channel Power MOSFET
July, 2013
EMH2801-TL-H ONSEMI-EMH2801-TL-H Datasheet
660Kb / 8P
P-Channel Power MOSFET
July, 2013
More results


Similar Description - EMH2801

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5847 SANYO-CPH5847 Datasheet
49Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5854 SANYO-CPH5854 Datasheet
55Kb / 6P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5855 SANYO-CPH5855 Datasheet
69Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
CPH5824 SANYO-CPH5824 Datasheet
47Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5811 SANYO-MCH5811 Datasheet
54Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5812 SANYO-MCH5812 Datasheet
54Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5823 SANYO-MCH5823 Datasheet
54Kb / 5P
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
MCH5834 SANYO-MCH5834 Datasheet
56Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device Applications
SCH2816 SANYO-SCH2816_07 Datasheet
50Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
SCH2819 SANYO-SCH2819 Datasheet
48Kb / 6P
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode General-Purpose Switching Device
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com