Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW513 Datasheet (PDF) - Sanyo Semicon Device

FW513 Datasheet PDF - Sanyo Semicon Device
Part # FW513
Download  FW513 Download
File Size   326.37 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications

FW513 Datasheet (PDF)

Go To PDF Page Download Datasheet
FW513 Datasheet PDF - Sanyo Semicon Device

Part # FW513
Download  FW513 Click to download

File Size   326.37 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications

FW513 Datasheet (HTML) - Sanyo Semicon Device


FW513 Product details

MOSFET : N-Channel Silicon MOSFET
FRD : Ultrahigh-Speed Switching Diode

Features
• FET RDS(on)=5.8Ω (typ.), 10V drive
• FRD VF=1.1V (typ.), trr=40ns (typ.)
• Nch MOSFET+FRD




Similar Part No. - FW513

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FW5-120X120T2900 KEMET-FW5-120X120T2900 Datasheet
220Kb / 1P
KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X240T2900 KEMET-FW5-240X240T2900 Datasheet
220Kb / 1P
KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X80T2900 KEMET-FW5-240X80T2900 Datasheet
217Kb / 1P
KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-80X80T2900 KEMET-FW5-80X80T2900 Datasheet
220Kb / 1P
KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
logo
List of Unclassifed Man...
FW50 ETC1-FW50 Datasheet
57Kb / 1P
50 Watt AC Adapter
More results


Similar Description - FW513

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
3LP02M SANYO-3LP02M Datasheet
56Kb / 4P
P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
ECH8401 SANYO-ECH8401 Datasheet
45Kb / 4P
N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
5LP01N SANYO-5LP01N Datasheet
44Kb / 4P
P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com