Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1320 Datasheet (PDF) - PETERMANN-TECHNIK

M1320 Datasheet PDF - PETERMANN-TECHNIK
Part # M1320
Download  M1320 Download
File Size   104.06 Kbytes
Page   2 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC

M1320 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1320 Datasheet PDF - PETERMANN-TECHNIK

Part # M1320
Download  M1320 Click to download

File Size   104.06 Kbytes
Page   2 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC

M1320 Datasheet (HTML) - PETERMANN-TECHNIK




Similar Part No. - M1320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1320 ETC2-M1320 Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
Alpha Wire
M13200 ALPHAWIRE-M13200 Datasheet
410Kb / 4P
24 (7/32) AWG Tinned Copper
M13201 ALPHAWIRE-M13201 Datasheet
412Kb / 5P
24 (7/32) AWG Tinned Copper
M13203 ALPHAWIRE-M13203 Datasheet
408Kb / 4P
22 (7/30) AWG Tinned Copper
M13209 ALPHAWIRE-M13209 Datasheet
409Kb / 4P
20 (7/28) AWG Tinned Copper
More results


Similar Description - M1320

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9242P TOSHIBA-TC9242P Datasheet
498Kb / 12P
QUARTZ PLL MOTOR CONTROL
logo
List of Unclassifed Man...
TRU050 ETC-TRU050 Datasheet
4Mb / 17P
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
logo
Toshiba Semiconductor
TC9142P TOSHIBA-TC9142P Datasheet
576Kb / 15P
QUARTZ PLL MOTOR CONTROL
logo
American Accurate Compo...
PLO500 AAC-PLO500 Datasheet
58Kb / 1P
PLL Oscillator
logo
NXP Semiconductors
PCF2120 NXP-PCF2120 Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
logo
PETERMANN-TECHNIK
M1319 PETERMANN-M1319 Datasheet
366Kb / 3P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
M1519 PETERMANN-M1519 Datasheet
101Kb / 3P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
M1520 PETERMANN-M1520 Datasheet
99Kb / 2P
SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
logo
Connor-Winfield Corpora...
OH100 CONNOR-WINFIELD-OH100 Datasheet
507Kb / 4P
Oven Stabilized Oscillator
OH300 CONNOR-WINFIELD-OH300 Datasheet
717Kb / 6P
Oven Stabilized Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com