Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89512W Datasheet (PDF) - Sanyo Semicon Device

LC89512W Datasheet PDF - Sanyo Semicon Device
Part # LC89512W
Download  LC89512W Download
File Size   52.64 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-ROM Error Correction LSI with Built-In SCSI Interface

LC89512W Datasheet (PDF)

Go To PDF Page Download Datasheet
LC89512W Datasheet PDF - Sanyo Semicon Device

Part # LC89512W
Download  LC89512W Click to download

File Size   52.64 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-ROM Error Correction LSI with Built-In SCSI Interface

LC89512W Datasheet (HTML) - Sanyo Semicon Device


LC89512W Product details

Overview
The LC89512W integrates a real-time error correction circuit and a SCSI interface in a single chip.

Features
• Support for double-speed drives at an operating
   frequency of 16.9344 MHz
   Either SRAM (120 ns), DRAM (80 ns) or pseudo
   SRAM (85 ns) can be used.
• Support for quad-speed drives at an operating frequency
   of 33.8688 MHz
   SRAM (70 ns) must be used.
• Built-in SCSI interface with built-in 48 mA sink buffer
   (Only the TARGET function is supported.)
• Built-in 12-byte output FIFO for sub-CPU to host
   computer data transmission
• Built-in 12-byte input FIFO for host computer to subCPU data transmission
• Subcode data can be written to buffer RAM and the subCPU can read the subcode values by connecting the
   LC89512 to the CD-DSP subcode pin.
• Sub-CPU access of buffer RAM through the LC89512
• Built-in function for buffer RAM internal data transfer
• Pseudo-SRAM (128-kword × 8-bit and smaller) can be
   used.
• DRAM (two 256-kword × 4-bit chips or two 1-Mword ×
   4-bit chips) can be used.
• Transfer speeds:
   2.8 MB/second (asynchronous mode) (for CD-ROM
   decode only operation)
   4.2 MB/second (synchronous mode) (CD-ROM decode
   operation is not supported in synchronous mode)
   Both of these transfer modes use a 16.9344 MHz clock.
   (The transfer speed depends on the frequency used.)
• Operating frequencies: 16.9344 MHz (up to double
   speed), 33.8688 (quad speed)

Functions
• CD-ROM error correction function, subcode readout function, SCSI interface




Similar Part No. - LC89512W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895125W SANYO-LC895125W Datasheet
113Kb / 11P
CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
40 x CD-ROM Decoder with SCSI Interface
More results


Similar Description - LC89512W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7380 PHILIPS-SAA7380 Datasheet
227Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7382 PHILIPS-SAA7382 Datasheet
226Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 25
SAA7385 PHILIPS-SAA7385 Datasheet
251Kb / 64P
Error correction and host interface IC for CD-ROM SEQUOIA
1996 Jun 19
SAA7388 PHILIPS-SAA7388 Datasheet
226Kb / 60P
Error correction and host interface IC for CD-ROM ELM
1996 Apr 26
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
CD-ROM Decoder with Built-in SCSI Interface
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
CD-ROM Error Correction LSI for Integrated Host CPU System
LC89515K SANYO-LC89515K Datasheet
57Kb / 6P
CD-ROM/CD-I Error Correction/ Host Interface LSI
LC895170W SANYO-LC895170W Datasheet
117Kb / 5P
CD-ROM Error Correction LSI
LC89517K SANYO-LC89517K Datasheet
114Kb / 5P
Built-in Subcode Interface CD-ROM/CD-I Error Correction LSI
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com