Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC895994 Datasheet (PDF) - Sanyo Semicon Device

LC895994 Datasheet PDF - Sanyo Semicon Device
Part # LC895994
Download  LC895994 Download
File Size   65.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface

LC895994 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC895994 Datasheet PDF - Sanyo Semicon Device

Part # LC895994
Download  LC895994 Click to download

File Size   65.61 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface

LC895994 Datasheet (HTML) - Sanyo Semicon Device


LC895994 Product details

Overview
The LC895994 is a CD-R LSI that provides a wide range of functions including CD-ROM decoding (including ECC) and encoding, subcode Q encoding (CRC addition) and decoding, CD encoding, ATIP decoding and CLV servo, and an IDE interface that includes the register block.

Features
• ECC and EDC correction/addition for the CD-ROM
   data (during decoding and encoding)
• ATIP decoding and CRC checking for both encoding
   and decoding
• CLV servo control using ATIP data during encoding
• CIRC code insertion and EFM modulation during
   encoding
• Support for PCA random EFM output during encoding
• Support for CD-ReWritable (CD-RW) Write Strategy
   signal output
• Access to buffer RAM from microcontroller via
   LC895994
• Built-in ATAPI (IDE) interface
• Speeds of 12× for decoding and 4× for encoding
   — Frequencies
      Decoding: 17.2872 MHz
      Encoding: 17.2872 MHz without Write Strategy
                       support
                       69.1488 MHz with Write Strategy
                       support
• IDE Transfer rate: 13.3 MB/s when using 16-bit data
   path 80-ns DRAM chips
• Buffer RAM sizes between 1 and 32 megabits (using 16-
   bit DRAMs)
• User control over sizes of CD main channel, C2 flag
   areas in buffer RAM
• Built-in batch transfer function for transferring entire
   CD main channel, C2 flag, or subcode area in a single
   operation
• Built-in multiblock transfer function for transferring
   multiple blocks in a single operation




Similar Part No. - LC895994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89590 SANYO-LC89590 Datasheet
159Kb / 7P
CD-R LSI
LC895925 SANYO-LC895925 Datasheet
90Kb / 7P
Signal Processing LSI for CD-R Drives
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
CD-R Encoder/Decoder IC with Built-in SCSI Interface
More results


Similar Description - LC895994

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7381 PHILIPS-SAA7381 Datasheet
380Kb / 108P
ATAPI CD-R block decoder
1997 Aug 12
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
ATAPI CD-R block encoder/decoder
1997 Aug 01
logo
Sanyo Semicon Device
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
ATA-PI (IDE) CD-ROM Decoder LSI
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
CD-ROM Decoder for 32 x ATAPI (IDE) Drives
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
CD-R Encoder/Decoder IC with Built-in SCSI Interface
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
32 CD-ROM Decoder with ATAPI (IDE) Interface
LC898023KW SANYO-LC898023KW Datasheet
80Kb / 13P
40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
ATAPI CD-R/RW Encoder/Decoder
July 1998
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com