Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T1G044QF Datasheet (PDF) - Samsung semiconductor

K4T1G044QF Datasheet PDF - Samsung semiconductor
Part # K4T1G044QF
Download  K4T1G044QF Download
File Size   1304.12 Kbytes
Page   46 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1Gb F-die DDR2 SDRAM

K4T1G044QF Datasheet (PDF)

Go To PDF Page Download Datasheet
K4T1G044QF Datasheet PDF - Samsung semiconductor

Part # K4T1G044QF
Download  K4T1G044QF Click to download

File Size   1304.12 Kbytes
Page   46 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 1Gb F-die DDR2 SDRAM

K4T1G044QF Datasheet (HTML) - Samsung semiconductor


K4T1G044QF Product details

1Gb F-die DDR2 SDRAM 60FBGA/84FBGA with Lead-Free & Halogen-Free (RoHS compliant)

The 1Gb DDR2 SDRAM is organized as a 32Mbit x 4 I/Os x 8banks, 16Mbit x 8 I/Os x 8banks or 8Mbit x 16 I/Os x 8 banks device. This synchronous device achieves high speed double-data-rate transfer rates of up to 800Mb/ sec/pin (DDR2-800) for general applications.
The chip is designed to comply with the following key DDR2 SDRAM fea tures such as posted CAS with additive latency, write latency = read latency - 1, Off-Chip Driver(OCD) impedance adjustment and On Die Termination.

Key Features
• JEDEC standard VDD = 1.8V ± 0.1V Power Supply
• VDDQ = 1.8V ± 0.1V
• 333MHz fCK for 667Mb/sec/pin, 400MHz fCK for 800Mb/sec/pin
• 8 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5, 6
• Programmable Additive Latenc y: 0, 1, 2, 3, 4, 5
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination
• Special Function Support
   - 50ohm ODT
   - High Temperature Self-Refresh rate enable
• Average Refresh Period 7.8us at lower than TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
• All of products are Lead-Free, Halogen-Free, and RoHS compliant




Similar Part No. - K4T1G044QF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
1Gb A-die DDR2 SDRAM Specification
K4T1G044QA-ZCD5 SAMSUNG-K4T1G044QA-ZCD5 Datasheet
612Kb / 28P
1Gb A-die DDR2 SDRAM Specification
K4T1G044QA-ZCE6 SAMSUNG-K4T1G044QA-ZCE6 Datasheet
612Kb / 28P
1Gb A-die DDR2 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
1Gb C-die DDR2 SDRAM Specification
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
1Gb E-die DDR2 SDRAM
More results


Similar Description - K4T1G044QF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QM SAMSUNG-K4T1G044QM Datasheet
457Kb / 29P
1Gb M-die DDR2 SDRAM Specification
K4T56043QF SAMSUNG-K4T56043QF Datasheet
477Kb / 27P
256Mb F-die DDR2 SDRAM
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
1Gb A-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
1Gb D-die DDR2 SDRAM Specification
K4T1G044QC SAMSUNG-K4T1G044QC Datasheet
485Kb / 26P
1Gb C-die DDR2 SDRAM Specification
K4T1G044QQ SAMSUNG-K4T1G044QQ Datasheet
886Kb / 44P
1Gb Q-die DDR2 SDRAM Specification
logo
Hynix Semiconductor
H5PS1G83NFR HYNIX-H5PS1G83NFR Datasheet
542Kb / 38P
1Gb DDR2 SDRAM
logo
Samsung semiconductor
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
1Gb E-die DDR2 SDRAM
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
1Gb F-die DDR2 SDRAM
logo
Hynix Semiconductor
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
1Gb DDR2 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com