Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94091 Datasheet (PDF) - Micrel Semiconductor

MIC94091 Datasheet PDF - Micrel Semiconductor
Part # MIC94091
Download  MIC94091 Download
File Size   821.86 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Load Switches for Consumer Applications

MIC94091 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC94091 Datasheet PDF - Micrel Semiconductor

Part # MIC94091
Download  MIC94091 Click to download

File Size   821.86 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Side Load Switches for Consumer Applications

MIC94091 Datasheet (HTML) - Micrel Semiconductor


MIC94091 Product details

General Description

The MIC94090/1/2/3/4/5 is a family of high-side load switches designed for operation from 1.7V to 5.5V input voltage. The load switch pass element is an internal 130mΩRDS(ON)P channel MOSFET which enables the device to support up to 1.2A  continuous current. Additionally, the load switch supports 1.5V logic level control and shutdown features.



Features

• 1.7V to 5.5V input voltage range

• 1.2A continuous operating current

• 130mΩ RDS(ON)

• Internal level shift for CMOS/TTL control logic

• Ultra low quiescent current

• Micro-power shutdown current

• Rapid turn-on: MIC94090/1

• Soft-Start: MIC94092/3 (790µs), MIC94094/5 (120µs)

• Load discharge circuit: MIC94091/3/5

• Space saving and thermally capable 1.2mm x 1.2mm Thin MLF® package

• Industry standard SC-70-6 package



Applications

•Cellular phones

• Portable Navigation Devices (PND)

•GPS modules

• Personal Media Players (PMP)

•Ultra Mobile PCs

• Other Portable applications

•PDAs

•Portable instrumentation

• Industrial and DataComm equipment




Similar Part No. - MIC94091

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94091YC6 MICREL-MIC94091YC6 Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
MIC94091YMT MICREL-MIC94091YMT Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
More results


Similar Description - MIC94091

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040_09 Datasheet
821Kb / 16P
High Side Load Switches for Consumer Applications
logo
Anpec Electronics Corop...
APL3513 ANPEC-APL3513 Datasheet
248Kb / 16P
2A High Side Load Switches
APL3580 ANPEC-APL3580 Datasheet
223Kb / 14P
33mW 3A High Side Load Switches
logo
Freescale Semiconductor...
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
Applications Processors for Consumer Products
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com