Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7P403623B Datasheet (PDF) - Samsung semiconductor

K7P403623B Datasheet PDF - Samsung semiconductor
Part # K7P403623B
Download  K7P403623B Download
File Size   315.8 Kbytes
Page   13 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Kx36 & 256Kx18 SRAM

K7P403623B Datasheet (PDF)

Go To PDF Page Download Datasheet
K7P403623B Datasheet PDF - Samsung semiconductor

Part # K7P403623B
Download  K7P403623B Click to download

File Size   315.8 Kbytes
Page   13 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Kx36 & 256Kx18 SRAM

K7P403623B Datasheet (HTML) - Samsung semiconductor


K7P403623B Product details

FUNCTION DESCRIPTION
The K7P403623B andK7P401823B are 4,718,592 bit Synchronous SRAM. It is organized as 131,072 words of 36 bits(or 262,144 words of 18 bits) and is implemented in SAMSUNGs advanced CMOS technology.
Single differential PECL level K clocks or single ended or differential LVCMOS/LVTTL clock are used to initiate the read/write operation and all internal operations are self-timed. At the rising edge of K clock, all addresses, Write Enables, Synchronous Select and Data Ins are registered internally. Data outputs are updated from output latches of the falling edge of K clock. An internal write data buffer allows write data to follow one cycle after addresses and controls. The package is 119(7x17) Ball Grid Array with balls on a 1.27mm pitch.

FEATURES
• 128Kx36 or 256Kx18 Organizations.
• 3.3V VDD, 2.5/3.3V VDDQ.
• LVTTL 2.5/3.3V Input and Output Levels.
• Differential, PECL clock / Single ended or differential LVTTL clock Inputs
• Synchronous Read and Write Operation
• Registered Input and Latched Output
• Internal Pipeline Latches to Support Late Write.
• Byte Write Capability(four byte write selects, one for each 9 bits)
• Synchronous or Asynchronous Output Enable.
• Power Down Mode via ZZ Signal.
• JTAG 1149.1 Compatible Test Access port.
• 119(7x17) Pin Ball Grid Array Package(14mmx22mm).




Similar Part No. - K7P403623B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B-HC16 SAMSUNG-K7P403622B-HC16 Datasheet
280Kb / 13P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B-HC20 SAMSUNG-K7P403622B-HC20 Datasheet
280Kb / 13P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B-HC25 SAMSUNG-K7P403622B-HC25 Datasheet
280Kb / 13P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
More results


Similar Description - K7P403623B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
128Kx36 & 256Kx18 Pipelined NtRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com