Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW410B-1_V4 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4SW410B-1_V4 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4SW410B-1_V4
Download  MA4SW410B-1_V4 Download
File Size   781.63 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MA4SW410B-1_V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4SW410B-1_V4 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4SW410B-1_V4
Download  MA4SW410B-1_V4 Click to download

File Size   781.63 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC??Silicon PIN Diode Switch

MA4SW410B-1_V4 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4SW410B-1_V4 Product details

Description
The MA4SW410B-1 device is a SP4T broadband switch with integrated bias network utilizing M/A-COM Technology Solutions HMICTM (Heterolithic Microwave Integrated Circuit) process, US Patent 5,268,310. This process allows the incorporation of silicon pedestals that form series and shunt diodes or vias by imbedding them in low loss, low dispersion glass. By using small spacing between elements, this combination of silicon and glass gives HMIC devices low loss and high isolation performance with exceptional repeatability through low millimeter frequencies. Large bond pads facilitate the use of low inductance ribbon bonds, while gold backside metallization allows for manual or automatic chip bonding via 80/20 - Au/Sn, 62/36/2 - Sn/Pb/Ag solders or electrically conductive silver epoxy.

Features
● Broad Bandwidth Specified up to 18 GHz
● Usable up to 26 GHz
● Integrated Bias Network
● Low Insertion Loss / High Isolation
● Rugged, Glass Encapsulated Construction
● Fully Monolithic
● RoHS Compliant* and 260°C Reflow Compatible

Applications
    These high performance switches are suitable for use in multi-band ECM, Radar, and instrumentation control circuits where high isolation to insertion loss ratios are required. With a standard +5V/-5V, TTL controlled PIN diode driver, 80nS switching speeds can be achieved.




Similar Part No. - MA4SW410B-1_V4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SW410B-1 MA-COM-MA4SW410B-1_14 Datasheet
978Kb / 6P
Broad Bandwidth Specified up to 18 GHz
More results


Similar Description - MA4SW410B-1_V4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
140Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005100-1194 MA-COM-MASW-005100-1194 Datasheet
558Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-004102-12760 MA-COM-MASW-004102-12760 Datasheet
107Kb / 6P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102 Datasheet
534Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102 Datasheet
123Kb / 7P
HMIC??Silicon PIN Diode Switch
MA4SW510B-1 MA-COM-MA4SW510B-1 Datasheet
531Kb / 7P
HMIC??Silicon PIN Diode Switch
MASW-005102 MA-COM-MASW-005102_15 Datasheet
534Kb / 7P
HMIC Silicon PIN Diode Switch
MASW006102 MA-COM-MASW006102_15 Datasheet
123Kb / 7P
HMIC Silicon PIN Diode Switch
MA4SW410B MA-COM-MA4SW410B_15 Datasheet
793Kb / 6P
HMIC Silicon PIN Diode Switch
MA4SW510B MA-COM-MA4SW510B_15 Datasheet
531Kb / 7P
HMIC Silicon PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com