Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB007-03SPA Datasheet (PDF) - Sanyo Semicon Device

SB007-03SPA Datasheet PDF - Sanyo Semicon Device
Part # SB007-03SPA
Download  SB007-03SPA Download
File Size   50.01 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 70mA Rectifier

SB007-03SPA Datasheet (PDF)

Go To PDF Page Download Datasheet
SB007-03SPA Datasheet PDF - Sanyo Semicon Device

Part # SB007-03SPA
Download  SB007-03SPA Click to download

File Size   50.01 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 70mA Rectifier

SB007-03SPA Datasheet (HTML) - Sanyo Semicon Device


SB007-03SPA Product details

Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recorvery time (trr max=10ns).
· Low switching noise.
· Low leakage current and high reliability due to highly reliable planar structure.

Applications
· High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB007-03SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB007-03C SANYO-SB007-03C Datasheet
55Kb / 3P
30V, 70mA Rectifier
logo
ON Semiconductor
SB007-03C ONSEMI-SB007-03C Datasheet
279Kb / 5P
Schottky Barrier Diode
September, 2013
SB007-03C-TB-E ONSEMI-SB007-03C-TB-E Datasheet
279Kb / 5P
Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB007-03CP SANYO-SB007-03CP Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007-03Q SANYO-SB007-03Q Datasheet
56Kb / 2P
30V, 70mA Rectifier
More results


Similar Description - SB007-03SPA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC803 SANYO-FC803 Datasheet
46Kb / 2P
30V, 70mA Rectifier
FC809 SANYO-FC809 Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007-03CP SANYO-SB007-03CP Datasheet
50Kb / 2P
30V, 70mA Rectifier
SB007-03Q SANYO-SB007-03Q Datasheet
56Kb / 2P
30V, 70mA Rectifier
SB007T03C SANYO-SB007T03C Datasheet
49Kb / 2P
30V, 70mA Rectifier
SB007T03Q SANYO-SB007T03Q Datasheet
60Kb / 2P
30V, 70mA Rectifier
SB007W03C SANYO-SB007W03C Datasheet
57Kb / 2P
30V, 70mA Rectifier
SB007W03Q SANYO-SB007W03Q Datasheet
57Kb / 2P
30V, 70mA Rectifier
SB007W03S SANYO-SB007W03S Datasheet
56Kb / 2P
30V, 70mA Rectifier
SB007-03C SANYO-SB007-03C Datasheet
55Kb / 3P
30V, 70mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com