Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N70-T92-B Datasheet (PDF) - Unisonic Technologies

1N70-T92-B Datasheet PDF - Unisonic Technologies
Part # 1N70-T92-B
Download  1N70-T92-B Download
File Size   217.42 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2 Amps, 700 Volts N-CHANNEL MOSFET

1N70-T92-B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N70-T92-B Datasheet PDF - Unisonic Technologies

Part # 1N70-T92-B
Download  1N70-T92-B Click to download

File Size   217.42 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2 Amps, 700 Volts N-CHANNEL MOSFET

1N70-T92-B Datasheet (HTML) - Unisonic Technologies


1N70-T92-B Product details

■ DESCRIPTION

The UTC 1N70 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



■ FEATURES

* RDS(ON) =11.5Ω@VGS = 10V.

* Ultra Low gate charge (typical 5.0nC)

* Low reverse transfer capacitance (CRSS = typical 3.0 pF)

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness



 




Similar Part No. - 1N70-T92-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N70 ETC-1N70 Datasheet
2Mb / 78P
GOLD BONDED DIODES
logo
Unisonic Technologies
1N70 UTC-1N70 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
1N703 NJSEMI-1N703 Datasheet
170Kb / 1P
ZENER DIODES
logo
Microsemi Corporation
1N7037CCU1 MICROSEMI-1N7037CCU1 Datasheet
288Kb / 5P
SILICON DUAL SCHOTTKY POWER RECTIFIER 35 Amp, 100 Volt
1N7039CCU1 MICROSEMI-1N7039CCU1 Datasheet
485Kb / 5P
Silicon Dual Schottky Power Rectifier 35 Amp, 150 Volt
Rev. 1
More results


Similar Description - 1N70-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
7N70 UTC-7N70 Datasheet
150Kb / 8P
7 Amps, 700 Volts N-CHANNEL POWER MOSFET
12N70 UTC-12N70 Datasheet
332Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
12N70 UTC-12N70_09 Datasheet
221Kb / 6P
12 Amps, 700 Volts N-CHANNEL MOSFET
2N70L UTC-2N70L Datasheet
181Kb / 6P
2 Amps, 700 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK7N70P FS-FTK7N70P Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70P FS-FTK10N70P Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
FTK6N70P FS-FTK6N70P Datasheet
644Kb / 7P
6.0 Amps, 700 Volts N-CHANNEL MOSFET
FTK7N70PD FS-FTK7N70PD Datasheet
394Kb / 7P
7 Amps, 700 Volts N-CHANNEL MOSFET
FTK10N70PD FS-FTK10N70PD Datasheet
318Kb / 7P
10 Amps, 700 Volts N-CHANNEL MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com