Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB05-05CP Datasheet (PDF) - Sanyo Semicon Device

SB05-05CP Datasheet PDF - Sanyo Semicon Device
Part # SB05-05CP
Download  SB05-05CP Download
File Size   58.67 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 500mA Rectifier

SB05-05CP Datasheet (PDF)

Go To PDF Page Download Datasheet
SB05-05CP Datasheet PDF - Sanyo Semicon Device

Part # SB05-05CP
Download  SB05-05CP Click to download

File Size   58.67 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 500mA Rectifier

SB05-05CP Datasheet (HTML) - Sanyo Semicon Device


SB05-05CP Product details

50V, 500mA Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB05-05CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05C SANYO-SB05-05C Datasheet
48Kb / 3P
50V, 500mA Rectifier
logo
ON Semiconductor
SB05-05C ONSEMI-SB05-05C Datasheet
316Kb / 6P
Schottky Barrier Diode
September, 2013
SB05-05C-TB-E ONSEMI-SB05-05C-TB-E Datasheet
316Kb / 6P
Schottky Barrier Diode
September, 2013
More results


Similar Description - SB05-05CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P Datasheet
57Kb / 2P
50V, 500mA Rectifier
SB05W05C SANYO-SB05W05C Datasheet
59Kb / 2P
50V, 500mA Rectifier?
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
50V, 500mA Rectifier?
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
500mA / 50V Digital transistors
logo
Sanyo Semicon Device
SB05-05C SANYO-SB05-05C Datasheet
48Kb / 3P
50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
50V, 500mA Rectifier
logo
Rohm
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
-500mA/-50V Digital transistor
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
-500mA/-50V Digital transistor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com