Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB05-18M Datasheet (PDF) - Sanyo Semicon Device

SB05-18M Datasheet PDF - Sanyo Semicon Device
Part # SB05-18M
Download  SB05-18M Download
File Size   65.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 180V, 500mA Rectifier

SB05-18M Datasheet (PDF)

Go To PDF Page Download Datasheet
SB05-18M Datasheet PDF - Sanyo Semicon Device

Part # SB05-18M
Download  SB05-18M Click to download

File Size   65.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 180V, 500mA Rectifier

SB05-18M Datasheet (HTML) - Sanyo Semicon Device


SB05-18M Product details

180V, 500mA Rectifier

Features
• Low forward voltage (VF max=0.85V).
• Fast revese recovery time (trr max=20ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB05-18M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-18V SANYO-SB05-18V Datasheet
65Kb / 2P
180V, 500mA Rectifier?
More results


Similar Description - SB05-18M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-18V SANYO-SB05-18V Datasheet
65Kb / 2P
180V, 500mA Rectifier?
SB10-18K SANYO-SB10-18K Datasheet
85Kb / 3P
180V, 1A Rectifier
SB100-18 SANYO-SB100-18 Datasheet
80Kb / 3P
180V, 10A Rectifier
SB120-18 SANYO-SB120-18 Datasheet
80Kb / 3P
180V, 12A Rectifier
SB160-18 SANYO-SB160-18 Datasheet
80Kb / 3P
180V, 16A Rectifier
SB30-18 SANYO-SB30-18 Datasheet
83Kb / 3P
180V, 3A Rectifier
SB50-18 SANYO-SB50-18 Datasheet
74Kb / 3P
180V, 5A Rectifier
SB50-18K SANYO-SB50-18K Datasheet
73Kb / 3P
180V, 5A Rectifier
SB80-18 SANYO-SB80-18 Datasheet
83Kb / 3P
180V, 8A Rectifier
SBA120-18J SANYO-SBA120-18J Datasheet
82Kb / 3P
180V, 12A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com