Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB07-015C Datasheet (PDF) - Sanyo Semicon Device

SB07-015C Datasheet PDF - Sanyo Semicon Device
Part # SB07-015C
Download  SB07-015C Download
File Size   51.68 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 700mA Rectifier

SB07-015C Datasheet (PDF)

Go To PDF Page Download Datasheet
SB07-015C Datasheet PDF - Sanyo Semicon Device

Part # SB07-015C
Download  SB07-015C Click to download

File Size   51.68 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 700mA Rectifier

SB07-015C Datasheet (HTML) - Sanyo Semicon Device


SB07-015C Product details

15V, 700mA Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Small-sized package, permitting SB07-015C applied sets to be compact and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB07-015C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB07-03 SANYO-SB07-03 Datasheet
59Kb / 2P
30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
30V, 700mA Rectifier
More results


Similar Description - SB07-015C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC810 SANYO-FC810 Datasheet
50Kb / 2P
15V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
30V, 700mA Rectifier
SB07-03N SANYO-SB07-03N Datasheet
107Kb / 2P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P Datasheet
59Kb / 2P
30V, 700mA Rectifier
SB07W03P SANYO-SB07W03P Datasheet
54Kb / 2P
30V, 700mA Rectifier
SB07W03V SANYO-SB07W03V Datasheet
93Kb / 2P
30V, 700mA Rectifier
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_12 Datasheet
425Kb / 6P
30V, 700mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com