Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10-03A2 Datasheet (PDF) - Sanyo Semicon Device

SB10-03A2 Datasheet PDF - Sanyo Semicon Device
Part # SB10-03A2
Download  SB10-03A2 Download
File Size   93.56 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 1.0A Rectifier

SB10-03A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10-03A2 Datasheet PDF - Sanyo Semicon Device

Part # SB10-03A2
Download  SB10-03A2 Click to download

File Size   93.56 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 1.0A Rectifier

SB10-03A2 Datasheet (HTML) - Sanyo Semicon Device


SB10-03A2 Product details

30V, 1.0A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Average rectified current (Io=1.0A).

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB10-03A2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB10-03A2 ONSEMI-SB10-03A2 Datasheet
724Kb / 3P
Schottky Rectifier
July, 2013
More results


Similar Description - SB10-03A2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
1.0A RECTIFIER
DS28002 Rev. E-2
logo
Rohm
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
Medium power transistor (-30V, -1.0A)
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
Medium power transistor (30V, 1.0A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
Medium power transistor (-30V, -1.0A)
2SC5874S ROHM-2SC5874S Datasheet
98Kb / 4P
Medium power transistor (30V, 1.0A)
QS6K1 ROHM-QS6K1 Datasheet
80Kb / 4P
Switching (30V, 1.0A)
logo
Sanyo Semicon Device
SB1003M3 SANYO-SB1003M3 Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
SBS814 SANYO-SBS814 Datasheet
37Kb / 4P
Low VF Schottky Barrier Diode 30V, 1.0A Rectifier
SBE807 SANYO-SBE807 Datasheet
56Kb / 3P
Schottky Barrier Diode 30V, 1.0A Rectifier
logo
Rohm
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com