Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10-09P Datasheet (PDF) - Sanyo Semicon Device

SB10-09P Datasheet PDF - Sanyo Semicon Device
Part # SB10-09P
Download  SB10-09P Download

File Size   71.83 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 1A Rectifier

SB10-09P Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10-09P Datasheet PDF - Sanyo Semicon Device

Part # SB10-09P
Download  SB10-09P Click to download

File Size   71.83 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 90V, 1A Rectifier

SB10-09P Datasheet (HTML) - Sanyo Semicon Device

SB10-09P Datasheet HTML 1Page - Sanyo Semicon Device SB10-09P Datasheet HTML 2Page - Sanyo Semicon Device

SB10-09P Product details

90V, 1A Rectifier

Features
• Low forward voltage (VF max=0.7V).
• Fast reverse recovery time (trr max=20ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB10-09P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-09 SANYO-SB10-09 Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09F SANYO-SB10-09F Datasheet
81Kb / 3P
   50V, 1A Rectifier
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
More results


Similar Description - SB10-09P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-09T SANYO-SB10-09T Datasheet
81Kb / 3P
   90V, 1A Rectifier
logo
Cystech Electonics Corp...
QDL3 CYSTEKEC-QDL3 Datasheet
250Kb / 6P
   1A /90V Snubber Damping Rectifier
QD CYSTEKEC-QD Datasheet
328Kb / 7P
   1A / 90V Snubber Damping Rectifier
logo
Sanyo Semicon Device
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
   90V, 200mA Rectifier
SB005-09CP SANYO-SB005-09CP Datasheet
55Kb / 2P
   90V, 50mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
   90V, 500mA Rectifier
SB100-09J SANYO-SB100-09J Datasheet
81Kb / 3P
   90V, 10A Rectifier
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA50-09Y SANYO-SBA50-09Y Datasheet
81Kb / 3P
   90V, 5A Rectifier
SB100-09K SANYO-SB100-09K Datasheet
81Kb / 3P
   90V, 10A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com