Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA8602-D08-T Datasheet (PDF) - Unisonic Technologies

KA8602-D08-T Datasheet PDF - Unisonic Technologies
Part # KA8602-D08-T
Download  KA8602-D08-T Download
File Size   140.35 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW VOLTAGE AUDIO POWER AMPLIFIER

KA8602-D08-T Datasheet (PDF)

Go To PDF Page Download Datasheet
KA8602-D08-T Datasheet PDF - Unisonic Technologies

Part # KA8602-D08-T
Download  KA8602-D08-T Click to download

File Size   140.35 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW VOLTAGE AUDIO POWER AMPLIFIER

KA8602-D08-T Datasheet (HTML) - Unisonic Technologies


KA8602-D08-T Product details

■ DESCRIPTION
The UTC KA8602 is the audio power amplifier available for low voltage. The UTC KA8602 supplies differential outputs for maximizing output swing at low voltages. The UTC KA8602 does not need coupling capacitors to the speaker. The gain of this amplifier is controlled easily by two external resistors.

■ FEATURES
* Wide operating supply voltage: VCC=2V~16V
* Low quiescent supply current( ICC=2.7mA, typ)
* Medium output power (POUT=250mW at VCC=6V, RL=32ohm, THD=10%
* Load impedance range: 8~100ohm
* Mute function (ICC=65μA, typ)
* Minimum number of external parts required.
* Low distortion




Similar Part No. - KA8602-D08-T

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8602 SAMSUNG-KA8602 Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602 Datasheet
139Kb / 6P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
KA8602 ETC1-KA8602 Datasheet
172Kb / 4P
Linear Intergrated Circuit
logo
Samsung semiconductor
KA8602B SAMSUNG-KA8602B Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
KA8602BD SAMSUNG-KA8602BD Datasheet
70Kb / 5P
LOW VOLTAGE AUDIO AMPLIFIER
More results


Similar Description - KA8602-D08-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_11 Datasheet
249Kb / 8P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM386D TGS-LM386D Datasheet
1Mb / 6P
Low Voltage Audio Power Amplifier
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
LOW VOLTAGE AUDIO POWER AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com