Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB20-18 Datasheet (PDF) - Sanyo Semicon Device

SB20-18 Datasheet PDF - Sanyo Semicon Device
Part # SB20-18
Download  SB20-18 Download
File Size   81.21 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 80V, 2A Rectifier

SB20-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB20-18 Datasheet PDF - Sanyo Semicon Device

Part # SB20-18
Download  SB20-18 Click to download

File Size   81.21 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 80V, 2A Rectifier

SB20-18 Datasheet (HTML) - Sanyo Semicon Device


SB20-18 Product details

Features
• Low forward voltage (VF max=0.85V).
• Fast reverse recovery time (trr max=35ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB20-18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB20-03B SANYO-SB20-03B Datasheet
78Kb / 3P
30V, 2A Rectifier
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
30V, 2A Rectifier
SB20-03P SANYO-SB20-03P Datasheet
60Kb / 2P
30V, 2A Rectifier
logo
ON Semiconductor
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
Mini Buck Converter for RF Power Amplifiers
September, 2013
SB20-03P ONSEMI-SB20-03P Datasheet
146Kb / 5P
Schottky Barrier Diode 30 V, 2 A, Low IR, Single PCP
July, 2023 - Rev. 1
More results


Similar Description - SB20-18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-18 SANYO-SB10-18 Datasheet
118Kb / 3P
80V, 1A Rectifier
SB20-03E SANYO-SB20-03E Datasheet
79Kb / 3P
30V, 2A Rectifier
SB20-05F SANYO-SB20-05F Datasheet
77Kb / 3P
50V, 2A Rectifier
SB20-05H SANYO-SB20-05H Datasheet
83Kb / 3P
50V, 2A Rectifier
logo
Coto Technology
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
logo
Texas Instruments
LM25101 TI1-LM25101 Datasheet
1Mb / 26P
3A, 2A, and 1A 80V Half-Bridge Gate Drivers
logo
SeCoS Halbleitertechnol...
MPS751 SECOS-MPS751 Datasheet
294Kb / 2P
-2A , -80V PNP Plastic Encapsulated Transistor
logo
PFC Device Inc.
PT2L80F-A PFC-PT2L80F-A Datasheet
667Kb / 5P
2A 80V HPTR Single Schottky Rectifier
logo
Shenzhen Huazhimei Semi...
HM3124 HMSEMI-HM3124 Datasheet
847Kb / 6P
2A, 80V, 200KHz Switch Buck Converter
logo
Shindengen Electric Mfg...
D1FJ8 SHINDENGEN-D1FJ8 Datasheet
1Mb / 7P
Schottky Barrier Diodes 80V, 2A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com