Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB200-05R Datasheet (PDF) - Sanyo Semicon Device

SB200-05R Datasheet PDF - Sanyo Semicon Device
Part # SB200-05R
Download  SB200-05R Download
File Size   81.19 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 20A Rectifier

SB200-05R Datasheet (PDF)

Go To PDF Page Download Datasheet
SB200-05R Datasheet PDF - Sanyo Semicon Device

Part # SB200-05R
Download  SB200-05R Click to download

File Size   81.19 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 20A Rectifier

SB200-05R Datasheet (HTML) - Sanyo Semicon Device


SB200-05R Product details

50V, 20A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=85ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Micaless package facilitating easy mounting.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB200-05R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB200-05H SANYO-SB200-05H Datasheet
78Kb / 3P
50V, 20A Rectifier
More results


Similar Description - SB200-05R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB200-05H SANYO-SB200-05H Datasheet
78Kb / 3P
50V, 20A Rectifier
SB200-09R SANYO-SB200-09R Datasheet
80Kb / 3P
90V, 20A Rectifier
logo
Gamma Microelectronics ...
GMR20H45C GAMMA-GMR20H45C Datasheet
110Kb / 6P
20A SCHOTTKY RECTIFIER
logo
Digitron Semiconductors
MBR20200CT DIGITRON-MBR20200CT Datasheet
548Kb / 3P
20A SCHOTTKY RECTIFIER
logo
Frontier Electronics.
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
20A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Gamma Microelectronics ...
GMR20H60C GAMMA-GMR20H60C Datasheet
371Kb / 6P
20A SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P20L50N5 PFC-P20L50N5 Datasheet
805Kb / 5P
20A 50V MOS Schottky Rectifier
P20L50SP PFC-P20L50SP Datasheet
725Kb / 5P
20A 50V MOS Schottky Rectifier
logo
KIA Semiconductor Techn...
65R190 KIA-65R190 Datasheet
450Kb / 6P
20A竊?50V N-CHANNEL MOSFET
7115A KIA-7115A Datasheet
312Kb / 5P
20A竊?50V N-CHANNEL MOSFET
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com