Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9130V-1TG Datasheet (PDF) - Optoway Technology Inc

SPS-9130V-1TG Datasheet PDF - Optoway Technology Inc
Part # SPS-9130V-1TG
Download  SPS-9130V-1TG Download
File Size   142.26 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter

SPS-9130V-1TG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9130V-1TG Datasheet PDF - Optoway Technology Inc

Part # SPS-9130V-1TG
Download  SPS-9130V-1TG Click to download

File Size   142.26 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter

SPS-9130V-1TG Datasheet (HTML) - Optoway Technology Inc


SPS-9130V-1TG Product details

DESCRIPTION
The SPS-9130V-1TG is a single channel optical single mode transmitter module designed to transmit optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. It is with 1310 nm DFB laser transmitters. The transmitter can transmit signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber when using the SPS-9110V-1RG/2RG as the receiver. A maximum distance of 30 km is achievable with 3Gbps pathological signals.

FEATURES
● SMPTE 297-2006 Compatible
● Speed from 50 Mbps to 3Gbps with up to 30 km Single-mode Fiber
● Distance up to 30 km for 3G-SDI
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Single Transmitter with Simplex LC
● Based on Industry Standard SFP
● TTL Laser Disable Input
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Similar Part No. - SPS-9130V-1TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130V-1TG OPTOWAY-SPS-9130V-1TG_15 Datasheet
141Kb / 5P
3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9130V-1TG_2015 OPTOWAY-SPS-9130V-1TG_2015 Datasheet
141Kb / 5P
3 Gb/s Medium Power Single Optical SM Transmitter
More results


Similar Description - SPS-9130V-1TG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110V-1T1RG OPTOWAY-SPS-7110V-1T1RG Datasheet
147Kb / 6P
1310 nm / 1.5 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-7110V-1TG OPTOWAY-SPS-7110V-1TG Datasheet
141Kb / 5P
1310 nm / 1.5 Gb/s Medium Power Single Optical SMTransmitter
SPS-9110V-1T1RG OPTOWAY-SPS-9110V-1T1RG Datasheet
151Kb / 6P
1310 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9110V-1TG OPTOWAY-SPS-9110V-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
SPS-9110V-2TG OPTOWAY-SPS-9110V-2TG Datasheet
116Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG Datasheet
151Kb / 6P
1310 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350V-1T1RG OPTOWAY-SPS-9350V-1T1RG Datasheet
151Kb / 6P
1550 nm / 3 Gb/s Medium Power Optical SMTransmitter/Receiver
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350V-1TG OPTOWAY-SPS-9350V-1TG Datasheet
142Kb / 5P
1310 nm / 3 Gb/s Medium Power Single Optical SMTransmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com