Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9130VW-1T1RG Datasheet (PDF) - Optoway Technology Inc

SPS-9130VW-1T1RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9130VW-1T1RG
Download  SPS-9130VW-1T1RG Download
File Size   117.16 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter

SPS-9130VW-1T1RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9130VW-1T1RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9130VW-1T1RG
Download  SPS-9130VW-1T1RG Click to download

File Size   117.16 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter

SPS-9130VW-1T1RG Datasheet (HTML) - Optoway Technology Inc


SPS-9130VW-1T1RG Product details

DESCRIPTION

The SPS-9130VW-2TG is a dual channel optical single mode transmitter module designed to transmit optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. It is with two independent 1310 nm laser transmitters. Each transmitter can transmit signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber when using the SPS-9110VW-2RG as the receiver. A maximum distance of 30 km is achievable with 3Gbps pathological signals.



FEATURES

SMPTE 297-2006 Compatible

Speed from 50 Mbps to 3Gbps with up to 30 km Single-mode Fiber

Distance up to 30 km for 3G-SDI

Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI

Dual Transmitter with Duplex LC

Based on Industry Standard SFP

SFF-8472 Digital Diagnostic Function

Two Independent TTL Laser Disable Input

Single +3.3 V Power Supply

RoHS-6 Compliant

0 to 70℃ Operation

Hot Pluggable

Class 1 Laser International Safety Standard IEC-60825 Compliant



APPLICATIONS

SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces

High-density Video Routers




Similar Part No. - SPS-9130VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
151Kb / 6P
1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG_15 Datasheet
146Kb / 6P
3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9130VW-1T1RG_2015 OPTOWAY-SPS-9130VW-1T1RG_2015 Datasheet
146Kb / 6P
3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results


Similar Description - SPS-9130VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VW-2TG OPTOWAY-SPS-7110VW-2TG Datasheet
115Kb / 5P
1310 nm / 1.5 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110V-2TG OPTOWAY-SPS-9110V-2TG Datasheet
116Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9110VW-2TG OPTOWAY-SPS-9110VW-2TG Datasheet
117Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9130V-2TG OPTOWAY-SPS-9130V-2TG Datasheet
116Kb / 5P
1310 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
SPS-9350VW-2TG OPTOWAY-SPS-9350VW-2TG Datasheet
117Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-93120VW-2TG OPTOWAY-SPS-93120VW-2TG Datasheet
117Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9380VW-2TG OPTOWAY-SPS-9380VW-2TG Datasheet
117Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9130VW-2TG_2015 OPTOWAY-SPS-9130VW-2TG_2015 Datasheet
110Kb / 5P
3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9110VW-2TG OPTOWAY-SPS-9110VW-2TG_15 Datasheet
110Kb / 5P
3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9130VW-2TG OPTOWAY-SPS-9130VW-2TG_15 Datasheet
110Kb / 5P
3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com