Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB30W03Z Datasheet (PDF) - Sanyo Semicon Device

SB30W03Z Datasheet PDF - Sanyo Semicon Device
Part # SB30W03Z
Download  SB30W03Z Download
File Size   72.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 3A Rectifier

SB30W03Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SB30W03Z Datasheet PDF - Sanyo Semicon Device

Part # SB30W03Z
Download  SB30W03Z Click to download

File Size   72.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 3A Rectifier

SB30W03Z Datasheet (HTML) - Sanyo Semicon Device


SB30W03Z Product details

30V, 3A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB30W03Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB30W03T SANYO-SB30W03T Datasheet
83Kb / 3P
30V, 3A Rectifier
SB30W03V SANYO-SB30W03V Datasheet
70Kb / 2P
30V, 3A Rectifier
More results


Similar Description - SB30W03Z

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB30-03F SANYO-SB30-03F Datasheet
78Kb / 3P
30V, 3A Rectifier
SB30-03P SANYO-SB30-03P Datasheet
67Kb / 2P
30V, 3A Rectifier
SB30-03T SANYO-SB30-03T Datasheet
80Kb / 3P
30V, 3A Rectifier
SB30-03Z SANYO-SB30-03Z Datasheet
70Kb / 2P
30V, 3A Rectifier
SB30W03T SANYO-SB30W03T Datasheet
83Kb / 3P
30V, 3A Rectifier
SB30W03V SANYO-SB30W03V Datasheet
70Kb / 2P
30V, 3A Rectifier
SBM30-03 SANYO-SBM30-03 Datasheet
18Kb / 3P
30V, 3A Rectifier
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330-1 KODENSHI-SDB330-1 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com