Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB40-03T Datasheet (PDF) - Sanyo Semicon Device

SB40-03T Datasheet PDF - Sanyo Semicon Device
Part # SB40-03T
Download  SB40-03T Download
File Size   81.17 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 4A Rectifier

SB40-03T Datasheet (PDF)

Go To PDF Page Download Datasheet
SB40-03T Datasheet PDF - Sanyo Semicon Device

Part # SB40-03T
Download  SB40-03T Click to download

File Size   81.17 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 4A Rectifier

SB40-03T Datasheet (HTML) - Sanyo Semicon Device


SB40-03T Product details

30V, 4A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=30ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB40-03T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB40-05 SANYO-SB40-05 Datasheet
73Kb / 3P
50V, 4A Rectifier
SB40-05 SANYO-SB40-05 Datasheet
73Kb / 3P
50V, 4A Rectifier
SB40-05H SANYO-SB40-05H Datasheet
73Kb / 3P
50V, 4A Rectifier
SB40-05J SANYO-SB40-05J Datasheet
73Kb / 3P
50V, 4A Rectifier
More results


Similar Description - SB40-03T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB40W03T SANYO-SB40W03T Datasheet
75Kb / 3P
30V, 4A Rectifier
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
New Japan Radio
NJW4800 NJRC-NJW4800 Datasheet
218Kb / 16P
30V/4A Half Bridge Driver
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
Pch -30V -4A Power MOSFET
logo
Digitron Semiconductors
MUR405 DIGITRON-MUR405 Datasheet
203Kb / 3P
4A SCHOTTKY RECTIFIER
logo
Rohm
RQ5E040AJ ROHM-RQ5E040AJ Datasheet
2Mb / 12P
Nch 30V 4A Middle Power MOSFET
RRR040P03FRA ROHM-RRR040P03FRA Datasheet
783Kb / 14P
Pch -30V -4A Power MOSFET
RTR040N03HZG ROHM-RTR040N03HZG Datasheet
2Mb / 15P
Nch 30V 4A Small Signal MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com