Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBA50-04Y Datasheet (PDF) - Sanyo Semicon Device

SBA50-04Y Datasheet PDF - Sanyo Semicon Device
Part # SBA50-04Y
Download  SBA50-04Y Download
File Size   81.57 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 5A Rectifier

SBA50-04Y Datasheet (PDF)

Go To PDF Page Download Datasheet
SBA50-04Y Datasheet PDF - Sanyo Semicon Device

Part # SBA50-04Y
Download  SBA50-04Y Click to download

File Size   81.57 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 5A Rectifier

SBA50-04Y Datasheet (HTML) - Sanyo Semicon Device


SBA50-04Y Product details

Schottky Barrier Diode (Twin Type · Cathode Common) 40V, 5A Rectifier



Features

· Low forward voltage (VF max=0.55V).

· Fast reverse recovery time.

· Low switching noise.

· High reliability due to highly reliable planner structure.

· Surface mount type device reducing the assembling time and facilitating compact and high-density assembly of SBA50-04Y-applied equipment.



Applications

· High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBA50-04Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
40V, 5A Rectifier
More results


Similar Description - SBA50-04Y

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBA50-04J SANYO-SBA50-04J Datasheet
83Kb / 3P
40V, 5A Rectifier
logo
Shindengen Electric Mfg...
D5SC4MR SHINDENGEN-D5SC4MR Datasheet
593Kb / 11P
Schottky Rectifiers (SBD) (40V 5A)
SF5S4 SHINDENGEN-SF5S4 Datasheet
613Kb / 10P
Schottky Rectifiers (SBD) (40V 5A)
logo
KODENSHI_AUK CORP.
SDB540PH KODENSHI-SDB540PH Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
SDB540PH-1 KODENSHI-SDB540PH-1 Datasheet
301Kb / 5P
40V, 5A POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
SK54 UTC-SK54 Datasheet
115Kb / 3P
5A, 40V SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P5L40B PFC-P5L40B Datasheet
643Kb / 5P
5A 40V MOS Schottky Rectifier
P5L40F-A PFC-P5L40F-A Datasheet
659Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5A40 PFC-PFS5A40 Datasheet
563Kb / 5P
5A 40V MOS Schottky Rectifier
PFS5L40 PFC-PFS5L40 Datasheet
561Kb / 5P
5A 40V MOS Schottky Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com