Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK350-040 Datasheet (PDF) - Sanyo Semicon Device

STK350-040 Datasheet PDF - Sanyo Semicon Device
Part # STK350-040
Download  STK350-040 Download
File Size   68.99 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel AF Voltage Amplifier (90 to 100W/channel supported)?

STK350-040 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK350-040 Datasheet PDF - Sanyo Semicon Device

Part # STK350-040
Download  STK350-040 Click to download

File Size   68.99 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel AF Voltage Amplifier (90 to 100W/channel supported)?

STK350-040 Datasheet (HTML) - Sanyo Semicon Device


STK350-040 Product details

Overview
The STK350-030 is a voltage amplifier for use in audio power output stages. It comprises a 2-channel amplifier integrated in a small package, making possible audio set miniaturization and design simplification.

Features
• Split power supply for wide bandwidth (f=20Hz to 20kHz).
• Member of a family of devices with power capacities from 40W to 150W.
• Compact package.
• High withstand voltage




Similar Part No. - STK350-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (60 to 80W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (80 to 90W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (100 to 120W/channel supported)?
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (120 to 150W/channel supported)???
logo
List of Unclassifed Man...
STK350-040 ETC1-STK350-040 Datasheet
1Mb / 19P
Features of the IMST Hybird ICs
More results


Similar Description - STK350-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
5.5W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
STK350-010 SANYO-STK350-010 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (60 to 80W/channel supported)
STK350-020 SANYO-STK350-020 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (80 to 90W/channel supported)
STK350-040 SANYO-STK350-040 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (100 to 120W/channel supported)?
STK350-050 SANYO-STK350-050 Datasheet
69Kb / 4P
2-channel AF Voltage Amplifier (120 to 150W/channel supported)???
logo
List of Unclassifed Man...
STK3102III ETC-STK3102III Datasheet
139Kb / 3P
2-Channel Voltage Amplifier for 90 to 100W AF Power Amplifier (Dual Supplies)
logo
Sanyo Semicon Device
STK417-130 SANYO-STK417-130 Datasheet
139Kb / 3P
2-Channel High Effiency AF Power Amplifier 50W x 2 ~ 100W X 2
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com