Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK392-110 Datasheet (PDF) - Sanyo Semicon Device

STK392-110 Datasheet PDF - Sanyo Semicon Device
Part # STK392-110
Download  STK392-110 Download
File Size   91.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel Convergence Correction Circuit(Ic max=3A)

STK392-110 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK392-110 Datasheet PDF - Sanyo Semicon Device

Part # STK392-110
Download  STK392-110 Click to download

File Size   91.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel Convergence Correction Circuit(Ic max=3A)

STK392-110 Datasheet (HTML) - Sanyo Semicon Device


STK392-110 Product details



Overview

The STK392-110 is a convergence correction circuit IC for video projectors. It incorporates three output amplifiers in a single package, making possible the construction of CRT horizontal and vertical convergence correction output circuits for each of the RGB colors using ust two hybrid ICs. The output circuit use a class-B configuration, in comparison with the STK392-010, realizing a more compact package and lower cost.



Features

• 3 output amplifier circuits in a single package

• High maximum supply voltage (VCC max = ±38V)

• Low thermal resistance (θj-c=3.0°C/W)

• High temperature stability (TC max=125°C)

• Separate predriver and output stage supplies

• Output stage supply switching for high-performance designs

• Low inrush current when power is applied



Applications

• Video projectors

 




Similar Part No. - STK392-110

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK392-120 SANYO-STK392-120 Datasheet
736Kb / 6P
CONVERGENCE CORRECTION AMPLIFIER 3CHANNELO/1PACKAGE OUTPUT CURRENT 4A
More results


Similar Description - STK392-110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5448 PANASONIC-AN5448 Datasheet
59Kb / 8P
TILT correction IC
AN5769 PANASONIC-AN5769 Datasheet
55Kb / 6P
H/V convergence correction IC
logo
Sanyo Semicon Device
STK390-120 SANYO-STK390-120 Datasheet
78Kb / 4P
1-Channel Supply Switching Convergence Correction Circuit(Ic max=4A)
STK391-020 SANYO-STK391-020 Datasheet
143Kb / 5P
2-Channel Convergence Correction Circuit(Ic max=6A)?
STK392-010 SANYO-STK392-010 Datasheet
96Kb / 4P
3-Channel Convergence Correction Circuit(Ic max=5A)???
STK392-020 SANYO-STK392-020 Datasheet
185Kb / 8P
Convergence Correction Circuit Three Channel in a Single Package(Maximum Output Current:6A)
STK392-040 SANYO-STK392-040 Datasheet
96Kb / 4P
3-Channel Convergence Correction Circuit(Ic max=7A)
logo
Fairchild Semiconductor
FAN7071 FAIRCHILD-FAN7071 Datasheet
318Kb / 8P
Landing Correction IC
logo
Sanyo Semicon Device
STK392-120 SANYO-STK392-120 Datasheet
736Kb / 6P
CONVERGENCE CORRECTION AMPLIFIER 3CHANNELO/1PACKAGE OUTPUT CURRENT 4A
logo
Inchange Semiconductor ...
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com