| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX8667
|
394Kb / 18P |
1.5MHz Dual Step-Down DC-DC Converters with Dual LDOs and Individual Enables
Rev 1; 7/07 |
|
MAX16922
|
1Mb / 16P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09 |
|
MAX16922
|
994Kb / 17P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
19-5039; Rev 1; 5/10 |
 Intersil Corporation |
ISL9305
|
784Kb / 17P |
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
November 8, 2010 |
|
ISL9305
|
777Kb / 17P |
3MHz Dual Step-Down Converters and Dual Low-Input LDOs
August 15, 2011 |
 Maxim Integrated Produc... |
MAX16922
|
1Mb / 17P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 5; 1/12 |
 Linear Technology |
LTC3527
|
369Kb / 22P |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
 Maxim Integrated Produc... |
MAX20014
|
608Kb / 14P |
2.2MHz Sync Boost and Dual Step-Down Converters
Rev 3; 3/19 |
|
MAX16963
|
540Kb / 13P |
Dual 2.2MHz, Low-Voltage Step-Down DC-DC Converter
2015 |
|
MAX16922
|
986Kb / 18P |
2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
2016 |