Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR740L3RH Datasheet (PDF) - Infineon Technologies AG

BFR740L3RH Datasheet PDF - Infineon Technologies AG
Part # BFR740L3RH
Download  BFR740L3RH Download
File Size   602.83 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFR740L3RH Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR740L3RH Datasheet PDF - Infineon Technologies AG

Part # BFR740L3RH
Download  BFR740L3RH Click to download

File Size   602.83 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFR740L3RH Datasheet (HTML) - Infineon Technologies AG


BFR740L3RH Product details

Product Brief
The BFR740L3RH is a very low noise wideband NPN RF transistor. The device is based on Infineon’s reliable high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The BFR740L3RH provides a transition frequency fT of approximately 40 GHz and is suited for low voltage applications (VCEO,max = 4 V) from VHF to 12 GHz. Due to its low power consumption the device is very energy efficient and well suited for mobile applications. The BFR740L3RH is housed in a very thin small leadless package ideal for modules.

Features
• Very low noise figure NFmin = 0.5 dB at 1.9 GHz, 0.8 dB at
   5.5 GHz, 3 V, 6 mA
• High power gain Gms = 20 dB at 5.5 GHz, 15 mA, 3 V
• Very thin small leadless package (height only 0.31 mm), hence
ideal for modules with compact size and low profile height
• Pb-free (RoHS compliant) and halogen-free package
• Qualification report according to AEC-Q101 available

Applications
   As Low Noise Amplifier (LNA) in
   • Mobile, portable and fixed connectivity applications: WLAN 802.11a/b/g/n, WiMAX 2.5/3.5/5.5 GHz, UWB, Bluetooth
   • Satellite communication systems: Navigation systems (GPS, Glonass), satellite radio (SDARs, DAB) and C-band LNB
   • Multimedia applications such as mobile/portable TV, CATV, FM Radio
   • 3G/4G UMTS/LTE mobile phone applications
   • ISM applications like RKE, AMR and Zigbee, as well as for emerging wireless applications
   As discrete active mixer, amplifier in VCOs and buffer amplifier




Similar Part No. - BFR740L3RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR740L3RH INFINEON-BFR740L3RH Datasheet
1Mb / 29P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
More results


Similar Description - BFR740L3RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com