Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA220 Datasheet (PDF) - Semikron International

P4SMA220 Datasheet PDF - Semikron International
Part # P4SMA220
Download  P4SMA220 Download
File Size   373.45 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Bidirectional Transient Voltage Suppressor diodes

P4SMA220 Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA220 Datasheet PDF - Semikron International

Part # P4SMA220
Download  P4SMA220 Click to download

File Size   373.45 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Bidirectional Transient Voltage Suppressor diodes

P4SMA220 Datasheet (HTML) - Semikron International


P4SMA220 Product details

Unidirectional and Bidirectional Transient Voltage Suppressor diodes

Pulse Power Dissipation: 400 W
Maximum Stand-off voltage: 5,5 ... 342 V

Features
• Max. solder temperature: 260°C
• Plastic material has UL classification 94V-0
• For bidirectional types (suffix "C" or "CA") electrical characteristics apply in both directions
• The standard tolerance of the breakdown voltage for each type is ±10%. Suffix "A" denotes a tolerance of ±5% for the breakdown voltage




Similar Part No. - P4SMA220

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P4SMA220 DIOTEC-P4SMA220 Datasheet
135Kb / 3P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMA220 DIOTEC-P4SMA220 Datasheet
78Kb / 2P
Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
P4SMA220 PANJIT-P4SMA220 Datasheet
109Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA220 PANJIT-P4SMA220 Datasheet
173Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMA220 PANJIT-P4SMA220 Datasheet
214Kb / 7P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
More results


Similar Description - P4SMA220

ManufacturerPart #DatasheetDescription
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
Unidirectional and Bidirectional Transient Voltage Suppressor diodes
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
Unidirectional and bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Digitron Semiconductors
1N6036 DIGITRON-1N6036 Datasheet
297Kb / 4P
BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
bidirectional Transient Voltage Suppressor Diodes
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
bidirectional Transient Voltage Suppressor Diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com