Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3040 Datasheet (PDF) - Semikron International

SB3040 Datasheet PDF - Semikron International
Part # SB3040
Download  SB3040 Download
File Size   523.41 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SB3040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3040 Datasheet PDF - Semikron International

Part # SB3040
Download  SB3040 Click to download

File Size   523.41 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SB3040 Datasheet (HTML) - Semikron International


SB3040 Product details

Forward Current: 30 A
Reverse Voltage: 20 to 40 V

Features
● Max. solder temperature: 260°C
● Plastic material has UL classification 9$V-0




Similar Part No. - SB3040

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3040CT PACELEADER-SB3040CT Datasheet
166Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3040CT PANJIT-SB3040CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
30A SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3040CT FORMOSA-SB3040CT Datasheet
108Kb / 6P
Schottky Barrier Rectifier
More results


Similar Description - SB3040

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB120 SEMIKRON-SB120 Datasheet
127Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
1N5817 SEMIKRON-1N5817_07 Datasheet
131Kb / 2P
Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SM5817 SEMIKRON-SM5817_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com