Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK6877 Datasheet (PDF) - Sanyo Semicon Device

STK6877 Datasheet PDF - Sanyo Semicon Device
Part # STK6877
Download  STK6877 Download
File Size   205.36 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Reversible Brush-Type DC Motor Driver (output current: 8A)?

STK6877 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK6877 Datasheet PDF - Sanyo Semicon Device

Part # STK6877
Download  STK6877 Click to download

File Size   205.36 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Reversible Brush-Type DC Motor Driver (output current: 8A)?

STK6877 Datasheet (HTML) - Sanyo Semicon Device


STK6877 Product details

Overview
The STK6877 is an H bridge power pack reversible brush-type DC motor driver that uses Sanyo’s unique insulated metal substrate technology (IMST) substrate. This technology provides superlative thermal dissipation characteristics. By adopting MOSFET devices as its power elements, this hybrid IC realizes reduced loss and increased current outputs as compared to our earlier STK6860H series.

Features
• Increased margins with respect to rush currents due to the adoption of MOSFET elements
• TTL level compatible inputs
• Support for both two pin control saturation operation and three pin control PWM control
• A braking function is provided.
• Wide operating power supply voltage range (VCC1 = 12 to 42 V)
• Few required external components (Operation is possible with only two external bootstrap capacitors.)

Applications
• Plain paper copier drum and scanner motors
• LBP drum motors
• Printer head carriage motors
• All types of DC motor application equipment




Similar Part No. - STK6877

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6875 SANYO-STK6875 Datasheet
189Kb / 7P
Bidirectional DC Brush-Type Motor Driver (Io max = 5A)?
More results


Similar Description - STK6877

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
BRUSH LESS DC MOTOR PRE-DRIVER
logo
Sanyo Semicon Device
STK681-050 SANYO-STK681-050 Datasheet
99Kb / 5P
Bidirectional DC Brush-Type Motor Driver (Io=5A)
STK6855 SANYO-STK6855 Datasheet
188Kb / 7P
Reversible Brush-Type DC Motor Driver (output current 5A)
STK6875 SANYO-STK6875 Datasheet
189Kb / 7P
Bidirectional DC Brush-Type Motor Driver (Io max = 5A)?
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
Motor driver with DC brush
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
Low voltage brush DC motor driver
November 2016 Rev 2
logo
Rohm
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
36V 2ch DC Brush Motor Driver
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
Brush type DC motor driver
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
Brush type DC motor driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com