| Manufacturer | Part # | Datasheet | Description |
 Linear Technology |
LTC4368
|
283Kb / 6P |
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
|
 Maxim Integrated Produc... |
MAX17613A
|
827Kb / 28P |
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19 |
 Analog Devices |
LTC4368
|
1Mb / 22P |
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B |
 Maxim Integrated Produc... |
MAX17613AEVKIT
|
699Kb / 12P |
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19 |
|
MAX17612AEVKIT
|
785Kb / 9P |
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18 |
|
MAX17526AEVKIT
|
960Kb / 12P |
MAX17526A ??5.5V to 60V, 6A Current Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 0; 6/18 |
|
MAX17608
|
619Kb / 21P |
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18 |
|
MAX17526A
|
772Kb / 27P |
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
Rev 1; 11/18 |
|
MAX17612A
|
585Kb / 21P |
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18 |
|
MAX17526A
|
994Kb / 27P |
5.5V to 60V, 6A Current-Limiter with OV, UV, Reverse Protection, and Power Limit
2021 |